Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-011026-TB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-011026-TB
Description  Transformer, 1:1 Flux Coupled
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011026-TB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABA-011026-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-011026-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-011026-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-011026-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transformer, 1:1 Flux Coupled
5 – 200 MHz
Rev. V2
MABA-011026
3
33
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
PCB Layout
Outline Drawing
1.
Dimensions in mm.
2.
Tolerance: ±0.2mm unless otherwise noted.
3.
Model number and lot code are printed on the reel.
4.
Plating finish: CuSn6
Application Circuit


Similar Part No. - MABA-011026-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011020 MA-COM-MABA-011020 Datasheet
770Kb / 4P
   Available on tape and reel
MABA-011020-TB MA-COM-MABA-011020-TB Datasheet
770Kb / 4P
   Available on tape and reel
MABA-011020-V1 MA-COM-MABA-011020-V1 Datasheet
770Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
MABA-011020 MA-COM-MABA-011020_15 Datasheet
770Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
   RoHS Compliant, lead-free
More results

Similar Description - MABA-011026-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
DS-MABA-009572-CF18A0 MA-COM-DS-MABA-009572-CF18A0 Datasheet
158Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-010112-CT1A40 MA-COM-MABA-010112-CT1A40 Datasheet
122Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-010112-CT1A40 MA-COM-MABA-010112-CT1A40 Datasheet
122Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0_15 Datasheet
96Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
MABA-009650-CF1160 MA-COM-MABA-009650-CF1160 Datasheet
118Kb / 3P
   1:1 Flux Coupled Transformer
MABA-008124-CF1FA0 MA-COM-MABA-008124-CF1FA0 Datasheet
91Kb / 3P
   1:1 Flux Coupled Transformer
MABA-009650-CF1160 MA-COM-MABA-009650-CF1160 Datasheet
118Kb / 3P
   1:1 Flux Coupled Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com