Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3220-152SE1 Datasheet(PDF) 7 Page - Hirose Electric

Part # 3220-152SE1
Description  Interface Connectors with 0.8mm spacing Docking Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

3220-152SE1 Datasheet(HTML) 7 Page - Hirose Electric

  3220-152SE1 Datasheet HTML 1Page - Hirose Electric 3220-152SE1 Datasheet HTML 2Page - Hirose Electric 3220-152SE1 Datasheet HTML 3Page - Hirose Electric 3220-152SE1 Datasheet HTML 4Page - Hirose Electric 3220-152SE1 Datasheet HTML 5Page - Hirose Electric 3220-152SE1 Datasheet HTML 6Page - Hirose Electric 3220-152SE1 Datasheet HTML 7Page - Hirose Electric 3220-152SE1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image


Similar Part No. - 3220-152SE1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3220-10-0100-00 ETC2-3220-10-0100-00 Datasheet
47Kb / 1P
   INSULAATOR MATERIAL: NYLON-6T, UL 94V- 0
3220-10-0300-00 ETC2-3220-10-0300-00 Datasheet
39Kb / 1P
   INSULATOR MATERIAL: NYLIN-6T, UL 94V-0
logo
Pomona Electronics
3220-12-0 POMONA-3220-12-0 Datasheet
21Kb / 1P
   Minigator Clip To Stacking Banana Plug
3220-12-2 POMONA-3220-12-2 Datasheet
21Kb / 1P
   Minigator Clip To Stacking Banana Plug
logo
List of Unclassifed Man...
3220-14-0100-00 ETC2-3220-14-0100-00 Datasheet
47Kb / 1P
   INSULAATOR MATERIAL: NYLON-6T, UL 94V- 0
More results

Similar Description - 3220-152SE1

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
List of Unclassifed Man...
SM02B-SURS-TF ETC2-SM02B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Mitsumi Electronics, Co...
CAM-G75 MITSUMI-CAM-G75 Datasheet
76Kb / 2P
   Interface Connectors for Cradle
CAM-G93 MITSUMI-CAM-G93 Datasheet
60Kb / 2P
   Interface Connectors for Cradle
logo
Hirose Electric
GT10-2022SCF HIROSE-GT10-2022SCF Datasheet
177Kb / 8P
   Subminiature ECU Interface Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com