Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAALSS0042TR-3000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0042TR-3000
Description  Low Noise Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0042TR-3000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0042TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0042TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0042TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0042TR-3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Noise Amplifier
1.575 GHz
Rev. V1
MAALSS0042
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance
Gain, TA = +25°C
Input IP3, TA = +25°C
Noise Figure over Temperature
Noise Figure, TA = +25°C
VSWR, TA = +25°C
20
22
24
26
28
1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
Gain over Temperature
0.8
1.0
1.2
1.4
1.6
1.50
1.52
1.54
1.56
1.58
1.60
Frequency (GHz)
0.8
1.0
1.2
1.4
1.6
1.50
1.52
1.54
1.56
1.58
1.60
+25°C
-40°C
+85°C
Frequency (GHz)
-16
-15
-14
-13
-12
1.50
1.52
1.54
1.56
1.58
1.60
Frequency (GHz)
1.0
1.5
2.0
2.5
3.0
1.3
1.4
1.5
1.6
1.7
1.8
Input
Output
Frequency (GHz)
20
22
24
26
28
1.3
1.4
1.5
1.6
1.7
1.8
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MAALSS0042TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0042TR-3000 MACOM-MAALSS0042TR-3000 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
MAALSS0042TR-3000 MA-COM-MAALSS0042TR-3000 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - MAALSS0042TR-3000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com