Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX52SB Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # NX52SB
Description  2.5V/3.3V LVPECL FS XO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

NX52SB Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  NX52SB Datasheet HTML 1Page - Pericom Semiconductor Corporation NX52SB Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-232-9100 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
NX52SB
Rev B
03/06/15
2.5V/3.3V LVPECL FS XO
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
NX52SB
Product Features
• 4 selectable output frequencies
• Very low phase jitter - < 1.0ps RMS max.
• Wide frequency range - 5 ~ 1000MHz
• Thicker crystal for improved reliability
• Low supply current - 80mA max.
• Industrial Temperature Range
• Pb-free & RoHS compliant
• Fast lead time
Product Description
The NX52SB XO series is a high
performance LVPECL crystal oscillator family
with very low jitter performance. Depending
on customers' needs, this family devices can
support 4 different frequencies using the
FS select pins. It supports various options
including wider frequency range, 2.5V/3.3V
voltage, and various stabilities.
It is designed to meet the clock source
specifications for communication systems,
and other high performance equipment.
Applications
• Networking systems
• Servers and storage systems
• Profession video equipments
• Test and measurement
• FPGA/ASIC clock generation
Package:
Pin Functions:
Pin
Function
1
FS1
2
FS0
3
Ground
4
Q
5
Q
6
VCC
5.0 x 3.2mm Ceramic SMD
*Extended high frequency power
decoupling is recommended (see test
circuit for minimum recommendation).
To ensure optimal performance, do not
route RF traces beneath the package.
1
Part Ordering Information:
Recommended Land Pattern:
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
NX 52 SB XXXX
A
B
Specification Code
Frequency Select family
(Scale: none, Dimensions are in mm)
Frequency Select Table:
FS0
FS1
Output
0
0
Freq. 1*
0
1
Freq. 2*
1
0
Freq. 3*
1
1
Freq. 4*
*Freq. 1, Freq. 2, Freq. 3, Freq. 4
can be any frequencies within the
output frequency range.
15-0052


Similar Part No. - NX52SB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX52SA PERICOM-NX52SA Datasheet
812Kb / 2P
   2.5V/3.3V LVPECL FS XO
More results

Similar Description - NX52SB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX32SA PERICOM-NX32SA Datasheet
869Kb / 2P
   2.5V/3.3V LVPECL FS XO
NX72SB PERICOM-NX72SB Datasheet
1Mb / 2P
   2.5V/3.3V LVPECL FS XO
NX32SB PERICOM-NX32SB Datasheet
860Kb / 2P
   2.5V/3.3V LVPECL FS XO
NX22SB PERICOM-NX22SB Datasheet
932Kb / 2P
   2.5V/3.3V LVPECL FS XO
NX72SA PERICOM-NX72SA Datasheet
1,021Kb / 2P
   2.5V/3.3V LVPECL FS XO
NX22SA PERICOM-NX22SA Datasheet
936Kb / 2P
   2.5V/3.3V LVPECL FS XO
NX52SA PERICOM-NX52SA Datasheet
812Kb / 2P
   2.5V/3.3V LVPECL FS XO
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
NX252 PERICOM-NX252 Datasheet
691Kb / 2P
   2.5V/3.3V LVPECL XO
NX322 PERICOM-NX322 Datasheet
667Kb / 2P
   2.5V/3.3V LVPECL XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com