Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX33SB Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # NX33SB
Description  2.5V/3.3V LVDS FS XO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

NX33SB Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  NX33SB Datasheet HTML 1Page - Pericom Semiconductor Corporation NX33SB Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-232-9100 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
NX33SB
Rev B
03/06/15
2.5V/3.3V LVDS FS XO
NX33SB
Ultra Low Jitter PLL Crystal Oscillator 3.2 x 2.5mm
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
5
1000
MHz
Supply Voltage
3.135
3.3
3.465
V
2.375
2.5
2.625
Supply Current
70
mA
Frequency Stability
±20
±50
ppm
±20ppm is for -20°C to 70°C only
Operating Temperature Range
-40
+85
°C
Output Logic 0, VOL
0.9
1.1
V
Output Logic 1, VOH
1.43
1.6
V
Output Load
100Ω connected between outputs
Output requires termination
Differential Output Voltage. VOD
0.247
0.454
V
Duty Cycle
45
55
%
Measured 50% VCC
Rise and Fall Time
400
ps
Measured 20/80% of waveform
Jitter, Accumulated , RMS (1-σ)
6
ps
20.000 adjacent periods
Jitter, Phase, RMS
< 40MHz
0.4
1
ps
12kHz to 5 MHz frequency band
40 to 1000MHz
0.4
1
ps
12kHz to 20 MHz frequency band
125MHz, 156.25MHz
0.4
0.6
ps
12kHz to 20 MHz frequency band
Jitter, pk-pk
40
ps
100,000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2. Phase jitter typical value is depending on output frequencies.
3.
For specifications other than those listed, please contact sales.
Frequency Select Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1 & pin 2), FS1 & FS0
0.7 VCC
V
Input Voltage (pin 1 & pin 2), FS1 & FS0
0.3 VCC
V
Settling Time after FS Change
10
ms
Start up Time
10
ms
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/hiflex-xo/?part=NX33SB
For test circuit go to:
http://www.pericom.com/pdf/sre/tc-lvds-sb.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_3225_xo.pdf
2
15-0058


Similar Part No. - NX33SB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX33SA PERICOM-NX33SA Datasheet
1Mb / 2P
   2.5V/3.3V LVDS FS XO
More results

Similar Description - NX33SB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX73SB PERICOM-NX73SB Datasheet
1Mb / 2P
   2.5V/3.3V LVDS FS XO
NX23SA PERICOM-NX23SA Datasheet
1Mb / 2P
   2.5V/3.3V LVDS FS XO
NX33SA PERICOM-NX33SA Datasheet
1Mb / 2P
   2.5V/3.3V LVDS FS XO
NX53SB PERICOM-NX53SB Datasheet
1,022Kb / 2P
   2.5V/3.3V LVDS FS XO
NX23SB PERICOM-NX23SB Datasheet
1Mb / 2P
   2.5V/3.3V LVDS FS XO
NX53SA PERICOM-NX53SA Datasheet
1,018Kb / 2P
   2.5V/3.3V LVDS FS XO
NX73SA PERICOM-NX73SA Datasheet
1Mb / 2P
   2.5V/3.3V LVDS FS XO
NX323 PERICOM-NX323 Datasheet
645Kb / 2P
   2.5V/3.3V LVDS XO
NX703 PERICOM-NX703 Datasheet
813Kb / 2P
   2.5V/3.3V LVDS XO
NX253 PERICOM-NX253 Datasheet
709Kb / 2P
   2.5V/3.3V LVDS XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com