Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-906 Datasheet(PDF) 1 Page - Hirose Electric

Part # AT-906
Description  Stripline Mounting Fixed Attenuators (DC to 8 GHz)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AT-906 Datasheet(HTML) 1 Page - Hirose Electric

  AT-906 Datasheet HTML 1Page - Hirose Electric AT-906 Datasheet HTML 2Page - Hirose Electric AT-906 Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
94
Stripline Mounting Fixed Attenuators (DC to 8 GHz)
AT-900 Series
sFeatures
1.Frequency Range from DC to 8 GHz
Although these attenuators are of the surface
mount type, they offer superior high frequency
characteristics from DC to 8 GHz.
2.Abundant Variations of Attenuators
Attenuation amounts are available in 11 types from
0 to 10 dB in 1 dB steps.
AT --- 9 01
1
2
3
sProduct Specifications
Ratings
Frequency Range (Note)
Characteristic impedance
Maximum Input Power (Note)
DC to 8.0 GHz
50 ohms
1 W
Operating temperature range
Operating relative humidity
-10ç to +65ç
95% Max.
Note: The frequency range and the maximum input power will differ depending on the products.
Item
Standard
Conditions
1.Vibration
2.Shock
3.Temperature cycle
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation
No damage, cracks, or parts dislocation
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
Acceleration of 490 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature: -55ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
200 cycles
qThe test method conforms to MIL-STD-202.
sMaterials
sOrdering Information
Part
Connector Body
Brass
Nickel plating
Attenuation element
Metal film
----------
Tabs
Copper
Solder plating
Material
Finish
AT: Indicates a fixed attenuator
Indicates the Series Name: AT-900 Series
1
2
Attenuation
01
:
1dB
06
:
6dB
00-(0)
:
0dB
(Through)
00-(1.5) : 1.5dB
3
AT-900 Type


Similar Part No. - AT-906

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
   3.2 x 2.5 mm SMD Crystal
AT-0007-XQ TAITIEN-AT-0007-XQ Datasheet
243Kb / 1P
   8.0 x 4.5 mm Glass Seal SMD Crystal
AT-0008-XI TAITIEN-AT-0008-XI Datasheet
235Kb / 1P
   10.8 x 4.5 mm Crystal
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
   6.0 x 3.5 mm SMD Crystal
AT-0013-XS TAITIEN-AT-0013-XS Datasheet
241Kb / 1P
   5.0 x 3.2 mm Glass Seal SMD Crystal
More results

Similar Description - AT-906

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-2300 HIROSE-AT-2300 Datasheet
221Kb / 3P
   Stripline Mounting Fixed Attenuators
AT-2200 HIROSE-AT-2200 Datasheet
178Kb / 3P
   SMT Stripline Mounting Fixed Attenuators
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com