Electronic Components Datasheet Search |
|
FARM1ES2 Datasheet(PDF) 10 Page - Vicor Corporation |
|
FARM1ES2 Datasheet(HTML) 10 Page - Vicor Corporation |
10 / 11 page FARM™ Rev 6.7 vicorpower.com Page 10 of 11 06/2015 800 927.9474 FARMxxxx PCB Mounting Specifications Mechanical Diagram Converter Pins No. Function Label 1 Neutral N 2 EMI GND 3NC 4 Line L 5–Out – 6 Enable EN 7 Strap ST 8 BUS OK BOK 9+Out + (2X) FULL R (6X) (6X) (REF.) 0.10 2,5 2.000 50,80 1.30 33,0 2.28 57,9 2.20 55,9 0.130 3,30 0.10 2,5 0.49 12,4 0.65 16,5 0.06 1,5 R (3X) X 45˚ CHAMFER Use a 4-40 Screw (6X) Torque to: 5 in-lbs 0.57 N-m (2X) 0.01 0.35 8,8 0.20** 5,1 0.12* 3,1 DIA,(7X) 0.150 3,81 (REF) DIA,(2X) 0.080 2,03 4 3 1 98 2 76 5 0.23 5,8 0.400 10,16 1.400 35,56 1.000 25,40 0.700 17,78 2.20 55,9 1.76 44,7 0.54 13,7 0.43 10,9 Pin Style 2&N (Long Pin) 0.62 15,7 Pin Style 1&S (Short Pin) (9X) (9X) ALUMINUM BASEPLATE 0.50 ±0.02 12,7 ±0,5 * Style 1 baseplate only ** Style 2 & 3 baseplates *** Reserved for Vicor accessories Not for mounting Pin center line style 2 & 3 baseplates only (4X)*** 0.300 ±0.015 7,62 ±0,38 0.300 ±0.015 7,62 ±0,38 1.900 48,26 Pin CL CL Slotted Threaded 4-40 UNC-2B (6X) Thru Hole #30 Drill Thru (6X) (0.1285) 0.13 3,3 FULL R (6X) (6X) Pin Style K (Extra Long Pin) 0.71 18,0 (9X) NOTES: 1.MATERIAL: BASE: 6000 SERIES ALUMINUM COVER: LCP, ALUMINUM 3003 H14 PINS: RoHS PINS GOLD PLATE 30 MICRO INCH MIN; NON-RoHS PINS: TIN/LEAD 90/10 BRIGHT 2.DIMENSIONS AND VALUES IN BRACKETS ARE METRIC 3.MANUFACTURING CONTROL IS IN PLACE TO ENSURE THAT THE SPACING BETWEEN THE MODULES LABEL SURFACE TO THE PRINTED CIRCUIT BOARD OF THE APPLICATION RANGES FROM DIRECT CONTACT (ZERO), TO THE MAXIMUM GAP AS CALCULATED FROM THE TOLERANCE STACK-UP AND IS NOT SUBJECT NEGATIVE TOLERANCE ACCUMULATION 0.195 4,95 1.400* 35,56 1.000* 25,40 0.700* 17,78 0.400* 10,16 1.790** 45,47 0.06 1,5 R (4X) 0.158 4,01 5 6 7 8 9 12 34 ±0.003 ±0,08 * DENOTES TOL = PCB THICKNESS 0.062 ±0.010 1,57 ±0,25 SHORT PIN STYLE 0.094 ±0.003 2,39 ±0,08 INBOARD SOLDER MOUNT 0.45 0.43 0.45 0.45 11,5 0.53 13,5 1.900* 48.26 1.900* 48,26 1.575** 40,00 0.164 ±0.003 4,16 ±0,08 LONG PIN STYLE 0.094 ±0.003 2,39 ±0,08 ONBOARD SOLDER MOUNT 0.164 ±0.003 4,16 ±0,08 PLATED THROUGH HOLE DIA (7X) (2X) ** PCB WINDOW 0.45 THIS SURFACE PINS STYLES SOLDER:TIN / LEAD PLATED MODUMATE: GOLD PLATED COPPER RoHS: GOLD PLATED COPPER ALUMINUM BASEPLATE Consult Vicor Application Note: Soldering methods and procedures for 1st and 2nd Generation modules. |
Similar Part No. - FARM1ES2 |
|
Similar Description - FARM1ES2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |