Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4VAT900-1277T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4VAT900-1277T
Description  HMIC PIN Diode Variable Attenuator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4VAT900-1277T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4VAT900-1277T_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4VAT900-1277T_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4VAT900-1277T_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4VAT900-1277T_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4VAT900-1277T_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
HMIC PIN Diode Variable Attenuator
0.8 - 1.0 GHz
Rev. V3
MA4VAT900-1277T
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Plots of Typical RF Characteristics @ +25 °C
Typical Return Loss @ All Attenuation Levels
Typical IIP3 vs Attenuation
Typical Attenuation vs Voltage (@900 MHz)
Typical Insertion Loss & Attenuation
Typical Relative Phase Shift Per Attenuation (Voltage)
For Reference ONLY:
With 0
 External Bias Resistor, the following are
Approximate Values:
 Insertion Loss
= 0 V @ 0 uA
 5dB Attenuation
= 0.76 V @ 49 uA
 10dB Attenuation = 1.05 V @ 125uA
 15dB Attenuation = 1.30 V @ 185 uA
 20dB Anttenuation = 1.50 V @ 240 uA
 Max Attenuation
= 1.8 V @ 330 uA
Typical InsertionLoss& Attenuationfor MA4VAT900-1277
-30
-25
-20
-15
-10
-5
0
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
Frequency(GHz)
0V/0uA
0.76V/49uA
1.05V/125uA
1.30V/185uA
1.50V/240uA
1.80V/330uA
Typical Attenuationvs Volatge for MA4VAT900-1277
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Voltage Applied(V)
Typical IP3 vs Attenuation for MA4VAT900-1277
0
10
20
30
40
50
0
3
6
9
12
15
18
21
24
27
Attenuation (dB)
800Mhz
900MHz
1000MHz
Typical Relativephaseshift vsFrequency per Voltage(Attenuation)
for MA4VAT900-1277
-120
-100
-80
-60
-40
-20
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Frequency(GHz)
0V
0.76V
1.05V
1.30V
1.50V
1.80V
Typical ReturnLossat Attenuationlevelsfor MA4VAT900-1277
-30
-25
-20
-15
-10
-5
0
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
Frequency (GHz)
0V/0uA
0.76V/49uA
1.05V125uA
1.30V185uA
1.50V/240uA
1.80V330uA


Similar Part No. - MA4VAT900-1277T_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4VAT900-1277T MACOM-MA4VAT900-1277T Datasheet
325Kb / 4P
   HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
logo
M/A-COM Technology Solu...
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator 0.8 - 1.0 GHz
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator
More results

Similar Description - MA4VAT900-1277T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T_15 Datasheet
620Kb / 5P
   HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
   HMIC PIN Diode Variable Attenuator 1.70 - 2.20 GHz
logo
Tyco Electronics
MA4VAT2000-1277T MACOM-MA4VAT2000-1277T Datasheet
313Kb / 4P
   HMIC PIN Diode Variable Attenuator 1.70-2.20 GHz
MA4VAT900-1277T MACOM-MA4VAT900-1277T Datasheet
325Kb / 4P
   HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
logo
M/A-COM Technology Solu...
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator 0.8 - 1.0 GHz
MAAV-007088-000100 MA-COM-MAAV-007088-000100_15 Datasheet
78Kb / 4P
   PIN Diode Based Variable Attenuator
MA4VAT2004-1061T MA-COM-MA4VAT2004-1061T Datasheet
213Kb / 4P
   High IIP3 PIN Diode Variable Attenuator
MA4VAT2007-1061T MA-COM-MA4VAT2007-1061T Datasheet
218Kb / 4P
   High IIP3 PIN Diode Variable Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com