Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4SW310 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW310
Description  HMIC Silicon PIN Diode Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW310 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4SW310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HMIC™ Silicon PIN Diode Switches
Rev. V10
MA4SWx10 Series
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves @ TA = +25°C, 20 mA Bias Current
Return Loss vs. Frequency
Return Loss vs. Frequency
Return Loss vs. Frequency
Insertion Loss vs. Frequency
Insertion Loss vs. Frequency
Insertion Loss vs. Frequency
MA4SW110
MA4SW210
MA4SW310
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
Input Return Loss
Output Return Loss
Frequency (GHz)
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
Input Return Loss
Output Return Loss
Frequency (GHz)
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
Input Return Loss
Output Return Loss
Frequency (GHz)
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
5
10
15
20
25
30
Frequency (GHz)
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
5
10
15
20
25
30
Frequency (GHz)
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
5
10
15
20
25
30
Frequency (GHz)


Similar Part No. - MA4SW310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW310 MACOM-MA4SW310 Datasheet
208Kb / 8P
   Monolithic PIN Diode Switches
MA4SW310 MACOM-MA4SW310 Datasheet
450Kb / 8P
   Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MA4SW310 MA-COM-MA4SW310 Datasheet
302Kb / 8P
   HMIC??Silicon PIN Diode Switches RoHS Compliant
logo
Tyco Electronics
MA4SW310B-1 MACOM-MA4SW310B-1 Datasheet
879Kb / 9P
   Monolithic Pin Diode Switches with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW310B-1 MA-COM-MA4SW310B-1 Datasheet
153Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
More results

Similar Description - MA4SW310

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
   HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
   HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-001100-002100-003100 MA-COM-MASW-001100-002100-003100 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102 Datasheet
152Kb / 7P
   HMIC??Silicon PIN Diode Switches
MASW-00X100 MA-COM-MASW-00X100 Datasheet
946Kb / 8P
   HMIC Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102_15 Datasheet
152Kb / 7P
   HMIC??Silicon PIN Diode Switches
MASW-002102-13580_V5 MA-COM-MASW-002102-13580_V5 Datasheet
152Kb / 7P
   HMIC Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com