Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E2054D-1146T Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E2054D-1146T
Description  Surface Mount Low Barrier Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E2054D-1146T Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button MA4E2054D-1146T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E2054D-1146T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E2054D-1146T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E2054D-1146T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E2054D-1146T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E2054D-1146T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4E2054D-1146T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4E2054D-1146T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MA4E2054D-1146T Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Surface Mount Low Barrier Schottky Diode
Rev. V9
MA4E2054 Series
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
Case Styles (Cont’d)
SOT-323
SOD-323
SOD-323 (Case Style 1141)
SOT-323 (Case Style 1146)
A
E
D
J
H
G
F
10  M A X .
C
B
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.063
0.087
1.6
2.2
B
0.045
0.053
1.15
1.35
C
0.079
0.087
2.0
2.2
D
0.047
0.055
1.2
1.4
E
0.008
0.016
0.2
0.4
F
0.031
0.039
0.8
1.0
G
0.004
0.1
H
0.003
0.08 typical
0.006
0.15
J
0.004
0.1
0.010
0.25
F
D
H
G
C
E
A
B
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.043
1.1
B
0.004
0.1
C
0.008
0.2
D
0.010
0.016
0.25
0.4
E
0.003
0.006
0.08
0.15
F
0.063
0.075
1.6
1.9
G
0.045
0.057
1.15
1.45
H
0.091
0.106
2.3
2.7
Package Parasitics
Ls = 1.2 nH
Cp = .11 pF
Package Parasitics
Ls = 1.2 nH
Cp = .11 pF


Similar Part No. - MA4E2054D-1146T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2054D-1146T MACOM-MA4E2054D-1146T Datasheet
139Kb / 9P
   Surface Mount Low Barrier Schottky Diode
logo
M/A-COM Technology Solu...
MA4E2054D-1146T MA-COM-MA4E2054D-1146T Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
More results

Similar Description - MA4E2054D-1146T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2054 MACOM-MA4E2054_1 Datasheet
139Kb / 9P
   Surface Mount Low Barrier Schottky Diode
logo
M/A-COM Technology Solu...
MA4E2054 MA-COM-MA4E2054 Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com