Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E2054C-287T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E2054C-287T
Description  Surface Mount Low Barrier Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E2054C-287T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4E2054C-287T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E2054C-287T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E2054C-287T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E2054C-287T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E2054C-287T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E2054C-287T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E2054C-287T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4E2054C-287T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4E2054C-287T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Surface Mount Low Barrier Schottky Diode
Rev. V9
MA4E2054 Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low IR (<100nA @ 1V, <500nA @ 3V)
 Designed for High Volume, Low Cost Detector
and Mixer Applications
 High Detector Sensitivity: -55 dBm TSS
 Low Capacitance: 0.30 pF
 Low 1/F Noise
 Single, Series Pair, and Unconnected Pair
Configurations
 Lead Free (RoHS Compliant) Equivalents Avail-
able With 260 Deg. C Reflow Capability
 Tape and Reel
Description and Applications
The MA4E2054 series are low barrier n-type silicon
Schottky diodes assembled in low cost surface
mount plastic packages. They are designed for use
as high performance mixer and detector diodes.
These parts are offered with Sn/Pb plating, as well
as with 100 % matte Sn plating on the RoHS compliant part
numbers.
The MA4E2054 -1141T (SOD-323), MA4E20541 -1279
(SC-79) and the MA4E2054A and MA4E2054C
(available in both the SOT-23 and SOT-323 packages) are
single element Schottky diodes characterized for use
as single ended mixers and detectors. The
MA4E2054B and MA4E2054D (available in both the
SOT-23 and SOT-323 packages) incorporate two
Schottky chips in series pair configurations. The
MA4E2054E-1068T consists of two Schottky chips in
the SOT-143 package in an unconnected pair
configuration. These diodes are useful for balanced
mixer and detector voltage doubler circuits. Applications for
the MA4E2054 series include VSAT and DBS mixers. The
small diode package size and low cost make them
attractive for use in RF tag applications for identifica-
tion and toll collection.
The part number consists of the base chip
(MA4E2054), followed by the wiring configuration (A,
B, C, D, E, omit for SOD-323), the package style
(287, 1068, 1141, 1146) and a “T” for tape and reel.
SOT-23 (287)
SOT-323 (1146)
SOT-143 (1068)
SOD-323 (1141)
SC-79 (1279)


Similar Part No. - MA4E2054C-287T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2054C-287T MACOM-MA4E2054C-287T Datasheet
139Kb / 9P
   Surface Mount Low Barrier Schottky Diode
logo
M/A-COM Technology Solu...
MA4E2054C-287T MA-COM-MA4E2054C-287T Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
More results

Similar Description - MA4E2054C-287T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2054 MACOM-MA4E2054_1 Datasheet
139Kb / 9P
   Surface Mount Low Barrier Schottky Diode
logo
M/A-COM Technology Solu...
MA4E2054 MA-COM-MA4E2054 Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com