Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADS-001338-12790T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADS-001338-12790T
Description  Silicon Medium Barrier Schottky Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADS-001338-12790T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADS-001338-12790T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADS-001338-12790T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADS-001338-12790T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADS-001338-12790T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADS-001338-12790T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADS-001338-12790T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Silicon Medium Barrier Schottky Diodes
Rev. V9
MA4E1338 Series
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Circuit Models
SOT-23
SOT-323
SOD-323
0.65 nH
1
0.13 pF
0.01 pF
0.05 pF
0.65 nH
2
0.13 pF
0.01 pF
0.05 pF
0.7 nH
3
0.13 pF
0.15 pF
0.6 nH
1
0.04 pF
0.06 pF
0.05 pF
0.6 nH
2
0.04 pF
0.06 pF
0.05 pF
0.6 nH
3
0.06 pF
0.04 pF
1
0.2 pF
0.02 pF
0.47 nH
0.47 nH
2
0.02 pF
0.2 pF
0.05 pF


Similar Part No. - MADS-001338-12790T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADS-001338-12790T MACOM-MADS-001338-12790T Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MADS-001338-12790T MA-COM-MADS-001338-12790T Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results

Similar Description - MADS-001338-12790T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339_V9 MA-COM-MA4E1339_V9 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1339 MACOM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339_16 Datasheet
656Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340 Datasheet
145Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MSS40-XXX-X MA-COM-MSS40-XXX-X Datasheet
702Kb / 5P
   Medium Barrier Silicon Schottky Diodes
MA4E1338_V7 MA-COM-MA4E1338_V7 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com