Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN1TF1 Datasheet(PDF) 3 Page - Vicor Corporation

Part # EN1TF1
Description  Component Power Front-end System for EN Compliance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1TF1 Datasheet(HTML) 3 Page - Vicor Corporation

  EN1TF1 Datasheet HTML 1Page - Vicor Corporation EN1TF1 Datasheet HTML 2Page - Vicor Corporation EN1TF1 Datasheet HTML 3Page - Vicor Corporation EN1TF1 Datasheet HTML 4Page - Vicor Corporation EN1TF1 Datasheet HTML 5Page - Vicor Corporation EN1TF1 Datasheet HTML 6Page - Vicor Corporation EN1TF1 Datasheet HTML 7Page - Vicor Corporation EN1TF1 Datasheet HTML 8Page - Vicor Corporation EN1TF1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ENMODS
Rev 3.1
vicorpower.com
Page 3 of 13
06/2015
800 927.9474
EN1xxx
ELECTROMAGNETIC COMPATIBILITY (configured as illustrated in Figures 1a and 1b)
Parameter
Standard
Notes
Harmonic currents
EN61000-3-2, Amendment 14
50 – 625 W, 230 Vac input 575 W output
(see Figure 2)
Line disturbance / immunity
EN61000-4-11
Interruptions and brownouts
Transient / surge immunity
EN61000-4-5
2 kV – 50 µs line or neutral to earth
1 kV – 50 µs line to neutral
Conducted emissions
EN55022, Level B
With filter
(see Figures 1a and 1b)
Flicker / inrush
EN6100-3-3
ELECTRICAL CHARACTERISTICS (CONT.)
AGENCY APPROVALS
Safety Standards
Agency Markings
Notes
FARM3
EN60950, UL60950, CSA 60950
cTÜVus
See License Conditions on the safety certificate
CE Marked
Low voltage directive
MiniHAM
EN60950, UL60950, CSA 60950
cTÜVus
See License Conditions on the safety certificate
CE Marked
Low voltage directive
Parameter
Min
Typ
Max
Unit
Notes
Baseplate material
Aluminum
MiniHAM cover
Dupont Zenite / Aluminum
FARM3 cover
Polyethermide
Pin material
Style 1 & 2
Copper, Tin/Lead solder plating
Style S & N (ModuMate compatible), Style F & G (RoHS compliant)
Copper, Nickel/Gold plating
Weight
FARM3
3.1 (88)
Ounces (grams)
MiniHAM
5.1 (145)
Ounces (grams)
Size
2.25 x 2.2 x 0.5
Inches
Vicor’s standard mini half-brick package
57,9 x 55,9 x 12,7
mm
MTBF
>1,000,000
Hours
25˚C, Ground Benign MIL HDBK 217F
GENERAL SPECIFICATIONS
SAFETY SPECIFICATIONS (with baseplate earthed and quick acting line fuse 10 A max.)
Parameter
Min
Typ
Max
Unit
Notes
Isolation (in to out)
None
Isolation provided by DC-DC converter(s)
Dielectric withstand
2,121
Vdc
Baseplate earthed
(I/O to baseplate)
Leakage current
2.5
mA
264 Vac


Similar Part No. - EN1TF1

ManufacturerPart #DatasheetDescription
logo
Powerbox
EN1TF1 POWERBOX-EN1TF1 Datasheet
415Kb / 1P
   AC INPUT MODULAR FRONT END SYSTEMS
logo
Vicor Corporation
EN1TF1 VICOR-EN1TF1 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1TF1 VICOR-EN1TF1 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1TF1.2.3 VICOR-EN1TF1.2.3 Datasheet
733Kb / 13P
   Component Power Front-end System for EN Compliance
More results

Similar Description - EN1TF1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
   Component Power Front-end System for EN Compliance
EN1XXX VICOR-EN1XXX Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
ENMOD VICOR-ENMOD Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
   Component Power AC Front End Modules
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RKP-1U MEANWELL-RKP-1U Datasheet
929Kb / 6P
   2000~6000W Front End Power System
RCP-1000 MEANWELL-RCP-1000_11 Datasheet
682Kb / 8P
   1000 ~ 3000W Front End Power System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com