Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIM1714VB6MC7D5T00 Datasheet(PDF) 5 Page - Vicor Corporation

Part # AIM1714VB6MC7D5T00
Description  Universal AC Input Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

AIM1714VB6MC7D5T00 Datasheet(HTML) 5 Page - Vicor Corporation

  AIM1714VB6MC7D5T00 Datasheet HTML 1Page - Vicor Corporation AIM1714VB6MC7D5T00 Datasheet HTML 2Page - Vicor Corporation AIM1714VB6MC7D5T00 Datasheet HTML 3Page - Vicor Corporation AIM1714VB6MC7D5T00 Datasheet HTML 4Page - Vicor Corporation AIM1714VB6MC7D5T00 Datasheet HTML 5Page - Vicor Corporation AIM1714VB6MC7D5T00 Datasheet HTML 6Page - Vicor Corporation AIM1714VB6MC7D5T00 Datasheet HTML 7Page - Vicor Corporation AIM1714VB6MC7D5T00 Datasheet HTML 8Page - Vicor Corporation AIM1714VB6MC7D5T00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AIM™ in a VIA Package
Rev 1.0
vicorpower.com
Page 5 of 14
12/2015
800 927.9474
AIM1714xB6MC7D5yzz
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
Input voltage pp at terminals,
1ms max
0
600
Vpk
Input voltage (AC RMS) continuous
0
275
VRMS
Output current (continuous)
0
5.3
ARMS
Operating junction temperature
-40
125
°C
Storage temperature
-40
125
°C
Input/Output pin torque and
mounting torque
4 (0.45)
in/lbs (N-m)


Similar Part No. - AIM1714VB6MC7D5T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
AIM1714VB6MC7D5T00 VICOR-AIM1714VB6MC7D5T00 Datasheet
305Kb / 14P
   Universal AC Input Module
More results

Similar Description - AIM1714VB6MC7D5T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ_17 Datasheet
305Kb / 14P
   Universal AC Input Module
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
   Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
   Universal AC Input Front End Module
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
   Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
   Universal AC Input
logo
Emerson Network Power
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
   Universal AC input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com