Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIM1714BB6MC7D5C00 Datasheet(PDF) 6 Page - Vicor Corporation

Part # AIM1714BB6MC7D5C00
Description  Universal AC Input Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

AIM1714BB6MC7D5C00 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button AIM1714BB6MC7D5C00 Datasheet HTML 2Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 3Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 4Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 5Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 6Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 7Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 8Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 9Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AIM1714xB6MC7D5yzz
AIM™ in a VIA Package
Rev 1.0
vicorpower.com
Page 6 of 14
12/2015
800 927.9474
Electrical Specifications
Specifications apply over all line and load conditions, 50 Hz and 60 Hz line frequencies, TJ = 25°C, unless otherwise noted.
Boldface specifications apply over the temperature range of the specified product grade.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Input Specification
Input voltage range,
continuous operation
VIN
85
264
VRMS
Input voltage range,
transient, non-operational (peak),
30s minimum interval
VIN
600
V
Source line frequency range
fline
47
63
Hz
Power factor*
PF
See note below
-
Output Specification
Output power
POUT
450
W
Output Current (continuous)
IOUT
5.3
A
* Please see PFM in VIA package datasheet for power factor


Similar Part No. - AIM1714BB6MC7D5C00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
AIM1714BB6MC7D5C00 VICOR-AIM1714BB6MC7D5C00 Datasheet
305Kb / 14P
   Universal AC Input Module
More results

Similar Description - AIM1714BB6MC7D5C00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ_17 Datasheet
305Kb / 14P
   Universal AC Input Module
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
   Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
   Universal AC Input Front End Module
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
   Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
   Universal AC Input
logo
Emerson Network Power
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
   Universal AC input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com