Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3808DTR-2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3808DTR-2
Description  Low Power Current Mode Push-Pull PWM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3808DTR-2 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3808DTR-2 Datasheet HTML 1Page - Texas Instruments UCC3808DTR-2 Datasheet HTML 2Page - Texas Instruments UCC3808DTR-2 Datasheet HTML 3Page - Texas Instruments UCC3808DTR-2 Datasheet HTML 4Page - Texas Instruments UCC3808DTR-2 Datasheet HTML 5Page - Texas Instruments UCC3808DTR-2 Datasheet HTML 6Page - Texas Instruments UCC3808DTR-2 Datasheet HTML 7Page - Texas Instruments UCC3808DTR-2 Datasheet HTML 8Page - Texas Instruments UCC3808DTR-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
COMP
CS
CS
V
A
,0
V
0.4V
V
D
=
£
£
D
(3)
Gain is defined by:
0 v VCS v 0.4 V
UCC2808-1, UCC2808-2, UCC3808-1, UCC3808-2
www.ti.com
SLUS168E – APR 1999 – REVISED AUGUST 2015
Electrical Characteristics (continued)
TA = 0°C to 70°C for the UCC3808-x, –40°C to 85°C for the UCC2808-x and –55°C to 125°C for the UCC1808-x, VDD = 10
V
(1), 1-μF capacitor from VDD to GND, R = 22 kΩ , C = 330 pF, T
A = TJ , (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMP source current
FB = 1.3 V, COMP = 3.5 V
–0.25
–0.5
mA
PWM SECTION
Maximum duty cycle
Measured at OUTA or OUTB
48%
49%
50%
Minimum duty cycle
COMP = 0 V
0%
CURRENT SENSE SECTION
Gain(3)
1.9
2.2
2.5
V/V
Maximum input signal
COMP = 5 V (4)
0.45
0.5
0.55
V
COMP = 3.5 V, CS from 0 to 600
CS to output delay
100
200
ns
mV
CS source current
–200
nA
Over current threshold
0.7
0.75
0.8
V
COMP to CS offset
CS = 0 V
0.35
0.8
1.2
V
OUTPUT SECTION
OUT low level
I = 100 mA
0.5
1
V
OUT high level
I = – 50 mA, VDD – OUT
0.5
1
V
Rise time
CL = 1 nF
25
60
ns
Fall time
CL = 1 nF
25
60
ns
UNDERVOLTAGE LOCKOUT SECTION
UCCx808-1 (1)
11.5
12.5
13.5
Start threshold
V
UCCx808-2
4.1
4.3
4.5
UCCx808-1
7.6
8.3
9
Minimum operating voltage after
V
start
UCCx808-2
3.9
4.1
4.3
UCCx808-1
3.5
4.2
5.1
Hysteresis
V
UCCx808-2
0.1
0.2
0.3
SOFT-START SECTION
COMP rise time
FB = 1.8 V, rise from 0.5 V to 4 V
3.5
20
ms
OVERALL SECTION
Start-up current
VDD < start threshold
130
260
µA
Operating supply current
FB = 0 V, CS = 0 V (5) (1)
1
2
mA
VDD zener shunt voltage
IDD = 10 mA (6)
13
14
15
V
(4)
Parameter measured at trip point of latch with FB at 0 V.
(5)
For UCCx808 – 1, set VDD above the start threshold before setting at 10 V
(6)
Start threshold and Zener shunt threshold track one another.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC2808-1 UCC2808-2 UCC3808-1 UCC3808-2


Similar Part No. - UCC3808DTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3808DTR-2 TI-UCC3808DTR-2 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808DTR-2 TI1-UCC3808DTR-2 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808DTR-2G4 TI1-UCC3808DTR-2G4 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC3808DTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com