Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2808D-1G4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2808D-1G4
Description  Low Power Current Mode Push-Pull PWM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2808D-1G4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC2808D-1G4 Datasheet HTML 3Page - Texas Instruments UCC2808D-1G4 Datasheet HTML 4Page - Texas Instruments UCC2808D-1G4 Datasheet HTML 5Page - Texas Instruments UCC2808D-1G4 Datasheet HTML 6Page - Texas Instruments UCC2808D-1G4 Datasheet HTML 7Page - Texas Instruments UCC2808D-1G4 Datasheet HTML 8Page - Texas Instruments UCC2808D-1G4 Datasheet HTML 9Page - Texas Instruments UCC2808D-1G4 Datasheet HTML 10Page - Texas Instruments UCC2808D-1G4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
3
1
2
8
7
6
5
4
OSCILLATOR
S
Q
R
RC
1.2R
R
0.5 V
PEAK CURRENT
COMPARATOR
Q
Q
T
S
Q
R
S
Q
R
VDD
VOLTAGE
REFERENCE
14 V
PWM
COMPARATOR
PWM
LATCH
SOFT START
0.5 V
VDD–1 V
0.75 V
2.2 V
2.0 V
FB
COMP
CS
VDD
OUTA
OUTB
GND
SLOPE = 1 V/ms
VDD OK
OVERCURRENT
COMPARATOR
22 k Ω
UCC2808-1, UCC2808-2, UCC3808-1, UCC3808-2
www.ti.com
SLUS168E – APR 1999 – REVISED AUGUST 2015
7 Detailed Description
7.1 Overview
The UCCx808-x device is a highly-integrated, low power current mode push-pull PWM controller. The controller
employs low starting current, and employs an internal control algorithm that offers accurate static output voltage
regulation against line and load. The UCCx808-x family offers a variety of package temperature range options,
and choice of undervoltage lockout levels. The family has UVLO thresholds and hysteresis options for offline and
battery-powered system.
Table 1. Undervoltage Lockout Levels
PART NUMBER
TURN ON THRESHOLD
TURN OFF THRESHOLD
UCCx808-1
12.5 V
8.3 V
UCCx808-2
4.3 V
4.1 V
Table 2. Undervoltage Lockout Options
PACKAGED DEVICES
TA = TJ
UVLO OPTION
SOIC (D)
PDIP (N)
12.5 V/8.3 V
UCC2808D-1
UCC2808N-1
–40°C to 85°C
4.3 V/4.1 V
UCC2808D-2
UCC2808N-2
12.5 V/8.3 V
UCC3808D-1
UCC3808N-1
0°C to 70°C
4.3 V/4.1 V
UCC3808D-2
UCC3808N-2
7.2 Functional Block Diagram
Pinout shown is for SOIC and PDIP packages.
Figure 4. Functional Block Diagram
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC2808-1 UCC2808-2 UCC3808-1 UCC3808-2


Similar Part No. - UCC2808D-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808D-1G4 TI1-UCC2808D-1G4 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC2808D-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com