Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650941A0RSKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650941A0RSKT
Description  PMIC for Intel Apollo Lake Platform
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650941A0RSKT Datasheet(HTML) 2 Page - Texas Instruments

  TPS650941A0RSKT Datasheet HTML 1Page - Texas Instruments TPS650941A0RSKT Datasheet HTML 2Page - Texas Instruments TPS650941A0RSKT Datasheet HTML 3Page - Texas Instruments TPS650941A0RSKT Datasheet HTML 4Page - Texas Instruments TPS650941A0RSKT Datasheet HTML 5Page - Texas Instruments TPS650941A0RSKT Datasheet HTML 6Page - Texas Instruments TPS650941A0RSKT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRQB
Control
Outputs
REFSYS
REGISTERS
Digital Core
Thermal
monitoring
Thermal shutdown
OTP
TEST CTRL
I
2C CTRL
SLP_S0B
PCH_PWROK
RSMRSTB
PROCHOTB
Internal
Interrupt
events
<PGND_BUCK3>
BUCK3
1 V  1.1 V
3 A
VREF
BUCK1
0.5 V  1.45 V
(DVS)
5 A
VSYS
LDOA2
0.7 V  1.5 V
600 mA
Control
Inputs
SoC
VSYS
LOAD SWB2
300 mA
PMICEN
SLP_S3B
SLP_S4B
LDOLS_EN
THERMTRIPB
VSYS
LDO5
LDO3P3
V5ANA
BUCK5V
nPUC
BOOT1
DRVH1
SW1
DRVL1
FBVOUT1
PGNDSNS1
ILIM1
BUCK2
0.5 V  1.45 V
(DVS)
21 A
VSYS
BOOT2
DRVH2
SW2
DRVL2
FBVOUT2
PGNDSNS2
ILIM2
PVIN3
LX3
FB3
BUCK5V
<PGND_BUCK4>
BUCK4
1.7 V  1.85 V
1.5 A
PVIN4
LX4
FB4
<PGND_BUCK5>
BUCK5
1.1 V  1.24 V
1.5 A
PVIN5
LX5
FB5
BUCK5V
BUCK6
0.5 V  1.45 V
7 A
VSYS
BOOT6
DRVH6
SW6
DRVL6
FBVOUT6
PGNDSNS6
ILIM6
LDO5V
VNN
VTT_LDO
VDDQ/2
500 mA
VDDQ
VTT
PVINVTT
VTT
VTTFB
LDOA1
1.35  3.3 V
200 mA
V1P8A
CLK
DATA
LOAD SWB1
300 mA
LOAD SWA1
300 mA
LDOA3
0.7 V  1.5 V
600 mA
V1P8A
VCCGI
VCCRAM
V1P8A
V1P24A
FBGND2
VSET
EN
VSET
EN
VSET
EN
VSET
EN
VSET
EN
VSET
EN
EN
EN
LDO5V
BUCK5V
EC
BUCK3P3V
V1P8A
V1P8A
GPO
TPS650941
SWCS133 – AUGUST 2015
www.ti.com
1.4
Functional Block Diagram
Figure 1-1. PMIC Functional Block Diagram
2
Device Overview
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS650941


Similar Part No. - TPS650941A0RSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650941A0RSKT TI1-TPS650941A0RSKT Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650941A0RSKT TI1-TPS650941A0RSKT Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650941A0RSKT TI1-TPS650941A0RSKT Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
More results

Similar Description - TPS650941A0RSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65094 TI1-TPS65094_19 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094 TI1-TPS65094 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094_J1 TI1-TPS65094_J1 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650842 TI1-TPS650842 Datasheet
139Kb / 7P
[Old version datasheet]   PMIC for Intel Braswell Platform
logo
Lanner All Rights Reser...
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
LEC-7242-DM-V1 LANNER-LEC-7242-DM-V1 Datasheet
237Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2022.07.15
logo
BCM Advanced Research.
MX3350N BCM-MX3350N Datasheet
525Kb / 1P
   Intel N3350 Thin mini-ITX motherboard with MX3350N onboard Intel Apollo Lake Processor
2020/12/14
logo
Axiomtek Co., Ltd.
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
   IntelR CeleronR processor N3350 (Apollo Lake)
logo
BCM Advanced Research.
MX110H BCM-MX110H Datasheet
445Kb / 1P
   Intel H110 mini-ITX Motherboard Kaby Lake Skylake Platform
2020/12/14
logo
Lanner All Rights Reser...
NVA-3000 LANNER-NVA-3000 Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com