Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS259241DRCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS259241DRCR
Description  12V eFuse with Over Voltage Protection and Blocking FET Control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259241DRCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS259241DRCR Datasheet HTML 7Page - Texas Instruments TPS259241DRCR Datasheet HTML 8Page - Texas Instruments TPS259241DRCR Datasheet HTML 9Page - Texas Instruments TPS259241DRCR Datasheet HTML 10Page - Texas Instruments TPS259241DRCR Datasheet HTML 11Page - Texas Instruments TPS259241DRCR Datasheet HTML 12Page - Texas Instruments TPS259241DRCR Datasheet HTML 13Page - Texas Instruments TPS259241DRCR Datasheet HTML 14Page - Texas Instruments TPS259241DRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VOUT
C3
I_IN
C2
C1
C2
VIN
EN
C4
VOUT
C3
I_IN
C2
C1
C2
VIN
EN
C4
VOUT
C3
BFET
C2
C1
C2
EN
VOUT
C3
BFET
C2
C1
C2
VIN
VIN
VOUT
I-IN
EN
C2
C4
C3
C1
VOUT
C3
I_OUT
C2
C1
C4
EN
TPS259240, TPS259241
www.ti.com
SLVSCU9A – AUGUST 2015 – REVISED AUGUST 2015
Typical Characteristics (continued)
TJ = 25°C, VVIN = 12 V, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN = 0.1 µF, COUT = 1 µF, CdVdT = OPEN (unless stated otherwise)
CdVdT = 1nF, COUT = 10 µF, ROUT = 5.7Ω
EN
Figure 25. Transient: Output Ramp
Figure 26. Transient: Turn Off Delay
EN
VIN
Figure 27. Turn Off Delay to BFET
Figure 28. Turn Off Delay to BFET
TPS259241
TPS259241
Figure 30. Transient: Wake Up to Short Circuit
Figure 29. Transient: Recovery From Short Circuit / Over
Current
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS259240 TPS259241


Similar Part No. - TPS259241DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS259241DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Texas Instruments
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com