Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ78Z100DRZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78Z100DRZR
Description  Impedance Track Gas Gauge
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78Z100DRZR Datasheet(HTML) 1 Page - Texas Instruments

  BQ78Z100DRZR Datasheet HTML 1Page - Texas Instruments BQ78Z100DRZR Datasheet HTML 2Page - Texas Instruments BQ78Z100DRZR Datasheet HTML 3Page - Texas Instruments BQ78Z100DRZR Datasheet HTML 4Page - Texas Instruments BQ78Z100DRZR Datasheet HTML 5Page - Texas Instruments BQ78Z100DRZR Datasheet HTML 6Page - Texas Instruments BQ78Z100DRZR Datasheet HTML 7Page - Texas Instruments BQ78Z100DRZR Datasheet HTML 8Page - Texas Instruments BQ78Z100DRZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
4
5
6
7
8
11
12
PBI
VC2
VC1
SRN
SRP
VSS
TS 1
SCL
SDA/HDQ
PACK
3
2
1
9
10
CHG
DSG
100
100
MM3Z5V6C
100
100
10k
0.1 µF
1 µF
0.1 µF
2.2 µF
100
5
5.1 k
5.1 k
10 M
10 M
10
100
100
1 to 3 m
Fuse
1 s
2 s
PWPD
13
MM3Z5V6C
Pack+
Pack–
Comm
Bus
Battery
cells
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq78z100
SLUSC23 – SEPTEMBER 2015
bq78z100 Impedance Track™ Gas Gauge for 1-Series to 2-Series
Li-Ion/Li-Polymer Battery Packs
Check for Samples: bq78z100
1 Features
3 Description
The bq78z100 device provides a fully integrated
1
High-Accuracy Coulomb Counter with Input Offset
pack-based solution with a flash programmable
Error < 1 µV (Typical)
custom reduced instruction-set CPU (RISC), safety
High-Side FET Drive Allows Serial Bus
protection, and authentication for 1-series to 2-series
Communication During Fault Conditions
cell Li-Ion and Li-Polymer battery packs.
Analog Front End with Two Independent ADCs
The bq78z100 gas gauge communicates via an I2C-
Support for Simultaneous Current and Voltage
compatible interface or single-wire HDQ interface and
Sampling
combines an ultra-low-power, high-speed TI bqBMP
processor,
high-accuracy
analog
measurement
Bus Communications Interface Options
capabilities, integrated flash memory, an array of
I2C
peripheral and communication ports, an N-channel
HDQ
FET drive, and a SHA-1 Authentication transform
responder into a complete, high-performance battery
SHA-1 Hash Message Authentication Code
management solution.
(HMAC) Responder for Increased Battery Pack
Security
The bq78z100 device provides an array of battery
and system safety functions, including overcurrent in
Split Key (2 × 64) Stored in Secure Memory
discharge, short circuit in charge, and short circuit in
Programmable Protection Levels for:
discharge protection for the battery, as well as FET
Overcurrent in Discharge
protection for the N-channel FETs, internal AFE
Short-Circuit Current in Charge
watchdog, and cell balancing. Through firmware, the
devices can provide a larger array of features
Short-Circuit Current in Discharge
including
protection
against
overvoltage,
Overvoltage
undervoltage, overtemperature, and more.
Undervoltage
Device Information(1)
Overtemperature
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Supports a 1-m
Ω to 3-mΩ Current Sense Resistor
bq78z100
VSON (12)
4.00 mm × 2.50 mm
Compact 12-Terminal SON Package (DRZ)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Portable and Wearable Health Devices
4 Simplified Schematic
Portable Radios
Industrial Data Collection
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ78Z100DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350-R1A TI1-BQ78350-R1A Datasheet
590Kb / 26P
[Old version datasheet]   BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
BQ78350DBT TI1-BQ78350DBT Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
BQ78350DBT-R1 TI1-BQ78350DBT-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
More results

Similar Description - BQ78Z100DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z610 TI1-BQ28Z610 Datasheet
1Mb / 36P
[Old version datasheet]   Impedance Track Gas Gauge and Protection Solution
BQ20Z80ADBTR TI1-BQ20Z80ADBTR Datasheet
717Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com