Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13399-468LF-EVB Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY13399-468LF-EVB
Description  10 to 2700 MHz DPx3T Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13399-468LF-EVB Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY13399-468LF-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13399-468LF-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13399-468LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13399-468LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13399-468LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13399-468LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13399-468LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13399-468LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13399-468LF-EVB Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DATA SHEET • SKY13399-468LF: DPX3T SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
September 25, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201624G
Table 1. SKY13399-468LF Signal Descriptions
Pin
Name
Description
Pin
Name
Description
1
GND
Ground
10
GND
Ground
2
GND
Ground
11
INPUT_B
RF input
3
OUTPUT_2A
RF output paired with output 2B
12
INPUT_A
RF input
4
OUTPUT_2B
RF output paired with output 2A
13
VDD
Supply voltage input.
5
GND
Ground
14
GND
Ground
6
OUTPUT_1B
RF output paired with output 1A
15
VCTL2
Switch control voltage 2
7
OUTPUT_1A
RF output paired with output 1B
16
VCTL1
Switch control voltage 1
8
GND
Ground
17
OUTPUT_3B
RF output paired with output 3A
9
GND
Ground
18
OUTPUT_3A
RF output paired with output 3B
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY13399-468LF are
provided in Table 2. Electrical specifications are provided in
Table 3.
Operating logic is described in Table 4.
Typical performance characteristics of the SKY13399-468LF are
illustrated in Figures 3 through 8.
Table 2. SKY13399-468LF Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Supply voltage
VDD
5
V
Control voltage
VCTL
3.0
V
Input power
PIN
+30
dBm
Storage temperature
TSTG
–40
+125
C
Operating temperature
TOP
–40
+85
C
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.


Similar Part No. - SKY13399-468LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13392-359LF SKYWORKS-SKY13392-359LF Datasheet
980Kb / 10P
   0.02-4.0 GHz High Isolation SP4T Absorptive Switch With Decoder
SKY13395-397LF SKYWORKS-SKY13395-397LF Datasheet
799Kb / 9P
   0.1 to 4.0 GHz DPDT Switch
SKY13395-397LF-EVB SKYWORKS-SKY13395-397LF-EVB Datasheet
799Kb / 9P
   0.1 to 4.0 GHz DPDT Switch
More results

Similar Description - SKY13399-468LF-EVB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5606 AD-ADL5606 Datasheet
535Kb / 20P
   1800 MHz to 2700 MHz
REV. 0
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060F88Q1C WALSIN-RFLPF1608060F88Q1C Datasheet
624Kb / 7P
   10 ~ 2700 MHz band RF Application
logo
Analog Devices
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
Peregrine Semiconductor
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
Mini-Circuits
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com