Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13399-468LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY13399-468LF
Description  10 to 2700 MHz DPx3T Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13399-468LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY13399-468LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13399-468LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13399-468LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13399-468LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13399-468LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13399-468LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13399-468LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13399-468LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13399-468LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201624G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2015
1
DATA SHEET
SKY13399-468LF: 10 to 2700 MHz DPx3T Switch
Applications
 GSM, DCS, PCS, CDMA, WCDMA, and TD-SCDMA differential
filter switching
Features
 Broadband frequency range: 10 to 2700 MHz
 Low insertion loss:
 0.25 dB typical @ 25 MHz
 0.35 dB typical @ 1 GHz
 0.4 dB typical @ 2.2 GHz
 Wide VDD supply range: 2.5 to 4.8 V
 Crossovers implemented on die for ease of use
 Small, QFN (18-pin, 2 x 2 mm) package
(MSL1, 260
C per JEDEC J-STD-020)
Skyworks Green™ products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of Green™, document number
SQ04-0074.
S2572
VCTL_2
VCTL_1
OUTPUT_3B
OUTPUT_3A
GND
GND
OUTPUT_1A
OUTPUT_1B
12
3
4
5
6
7
8
9
14
15
16
17
18
13
12
11
10
Figure 2. SKY13399-468LF Pinout
(Top View)
INPUT_A
OUTPUT_2A
OUTPUT_2B
S2573
INPUT_B
Figure 1. SKY13399-468LF Block Diagram
Description
The SKY13399-468LF is a double-pole, crossed three-throw
(DPx3T) switch with on-die crossovers. The two inputs can be
switched to three different pairs of outputs. Two control lines are
used to determine which pair of outputs is connected.
The SKY13399-468LF is manufactured using a state of the art
silicon on insulator (SOI) process, and is provided in a compact
Quad Flat No-Lead (QFN) 2 x 2 mm package.
A functional block diagram is shown in Figure 1. The pin
configuration and package are shown in Figure 2. Signal pin
assignments and functional pin descriptions are provided in
Table 1.


Similar Part No. - SKY13399-468LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13392-359LF SKYWORKS-SKY13392-359LF Datasheet
980Kb / 10P
   0.02-4.0 GHz High Isolation SP4T Absorptive Switch With Decoder
SKY13395-397LF SKYWORKS-SKY13395-397LF Datasheet
799Kb / 9P
   0.1 to 4.0 GHz DPDT Switch
SKY13395-397LF-EVB SKYWORKS-SKY13395-397LF-EVB Datasheet
799Kb / 9P
   0.1 to 4.0 GHz DPDT Switch
More results

Similar Description - SKY13399-468LF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5606 AD-ADL5606 Datasheet
535Kb / 20P
   1800 MHz to 2700 MHz
REV. 0
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060F88Q1C WALSIN-RFLPF1608060F88Q1C Datasheet
624Kb / 7P
   10 ~ 2700 MHz band RF Application
logo
Analog Devices
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
Peregrine Semiconductor
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
Mini-Circuits
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com