Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADC08831 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. ADC08831
Description  8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 4 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
CC = VREF = +5VDC, and fCLK = 2 MHz unless otherwise specified. Boldface limits
apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
DC CHARACTERISTICS
I
CC
Supply Current
ADC08831
CLK = V
CC
CS = V
CC
0.6
1.0
mA (max)
CS = LOW
1.7
2.4
mA (max)
I
CC
Supply Current
ADC08832
CLK = V
CC (Note 16)
CS = V
CC
1.3
1.8
mA (max)
CS = LOW
2.4
3.5
mA (max)
Electrical Characteristics
The following specifications apply for V
CC = VREF = +5 VDC, and tr = tf = 20 ns unless otherwise specified. Boldface limits
apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
f
CLK
Clock Frequency
2
MHz (max)
Clock Duty Cycle
(Note 14)
40
60
% (min)
% (max)
T
C
Conversion Time (Not Including MUX
Addressing Time)
f
CLK = 2MHz
8
4
1/f
CLK (max)
µs (max)
t
CA
Acquisition Time
1
2
1/f
CLK (max)
t
SET-UP
CS Falling Edge or Data Input
Valid to CLK Rising Edge
25
ns (min)
t
HOLD
Data Input Valid after CLK
Rising Edge
20
ns (min)
t
pd1,tpd0
CLK Falling Edge to Output
Data Valid (Note 15)
C
L = 100 pF:
Data MSB First
Data LSB First
250
200
ns (max)
ns (max)
t
1H,t0H
TRI-STATE Delay from Rising Edge
of CS to Data Output and SARS Hi-Z
C
L = 10 pF, RL = 10 kΩ
(see TRI-STATE Test Circuits)
50
ns
C
L = 100 pF, RL = 2kΩ
180
ns (max)
C
IN
Capacitance of Analog Input (Note 17)
13
pF
C
IN
Capacitance of Logic Inputs
5
pF
C
OUT
Capacitance of Logic Outputs
5
pF
www.national.com
4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADC080318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options
Voltage Reference and Track/Hold Function
1 2 3 4 5 MoreNational Semiconductor (TI)
ADC081318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC080328-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC1034ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
TLC540I8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS 1 2 3 4 5 MoreTexas Instruments
TLC542C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS 1 2 3 4 5 MoreTexas Instruments
TLC545C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS 1 2 3 4 5 MoreTexas Instruments
ADC08318-Bit Serial I/O A/D Converters with Multiplexer Options 1 2 3 4 5 MoreNational Semiconductor (TI)
WM08348-Bit ADCs with Serial Interface and Configurable Input Multiplexer 1 2 3 4 5 MoreWolfson Microelectronics plc
ADCV08832Low Voltage 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl