Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADC08831 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. ADC08831
Description  8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 3 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
6.5V
Voltage at Inputs and Outputs
−0.3V to V
CC + 0.3V
Input Current at Any Pin (Note 4)
±5mA
Package Input Current (Note 4)
±20 mA
ESD Susceptibility (Note 6)
Human Body Model
2000V
Machine Model
200V
Junction Temperature (Note 5)
150˚C
Storage Temperature Range
−65˚ C to 150˚C
Mounting Temperature
Lead Temp. (soldering, 10 sec)
Infrared (10 sec)
260˚C
215˚C
Operating Ratings(Notes 2, 3)
Temperature Range
−40˚C
≤ T
J ≤ +85˚C
Supply Voltage
4.5 V to 6.0 V
Thermal Resistance (
θ
jA)
SO Package, 8-pin Surface Mount
190˚C/W
MSOP, 8-pin Surface Mount
235˚C/W
SO Package, 14-pin Surface Mount
145˚C/W
N Package, 8-pin
122˚C/W
Clock Frequency
10kHz
≤f
CLK≤2MHz
Electrical Characteristics
The following specifications apply for V
CC = VREF = +5VDC, and fCLK = 2 MHz unless otherwise specified. Boldface limits
apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
TUE
Total Unadjusted Error
(Note 10)
±0.3
±1
LSB
(max)
Offset Error
±0.2
LSB
DNL
Differential NonLinearity
±0.2
LSB
INL
Integral NonLinearity
±0.2
LSB
FS
Full Scale Error
±0.3
LSB
R
REF
Reference Input Resistance
(Note 11)
3.5
2.8
5.9
k
Ω (min)
k
Ω (max)
V
IN
Analog Input Voltage
(Note 12)
(V
CC + 0.05)
(GND − 0.05)
V (max)
V (min)
DC Common-Mode Error
±14
LSB (max)
Power Supply Sensitivity
V
CC = 5V ±10%,
V
CC = 5V ±5%
±14
±14
LSB (max)
LSB (max)
On Channel Leakage Current
(Note 13)
On Channel = 5V,
Off Channel = 0V
0.2
1
µA (max)
On Channel = 0V
Off Channel = 5V
−0.2
−1
µA (min)
Off Channel Leakage Current
(Note 13)
On Channel = 5V,
Off Channel = 0V
−0.2
−1
µA (min)
On Channel = 0V,
Off Channel = 5V
0.2
1
µA (max)
DC CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 5.0V
0.05
+1
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
0.05
−1
µA (max)
V
OUT(1)
Logical “1” Output Voltage
V
CC = 4.75V:
I
OUT = −360 µA
2.4
V (min)
I
OUT = −10 µA
4.5
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
CC = 4.75V
I
OUT = 1.6 mA
0.4
V (max)
I
OUT
TRI-STATE Output Current
V
OUT = 0V
V
OUT = 5V
−3.0
3.0
µA (max)
µA (max)
I
SOURCE
Output Source Current
V
OUT = 0V
−6.5
mA (max)
I
SINK
Output Sink Current
V
OUT = VCC
8.0
mA (min)
www.national.com
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADC080318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options
Voltage Reference and Track/Hold Function
1 2 3 4 5 MoreNational Semiconductor (TI)
ADC081318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC080328-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC1034ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
TLC540I8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS 1 2 3 4 5 MoreTexas Instruments
TLC542C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS 1 2 3 4 5 MoreTexas Instruments
TLC545C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS 1 2 3 4 5 MoreTexas Instruments
ADC08318-Bit Serial I/O A/D Converters with Multiplexer Options 1 2 3 4 5 MoreNational Semiconductor (TI)
WM08348-Bit ADCs with Serial Interface and Configurable Input Multiplexer 1 2 3 4 5 MoreWolfson Microelectronics plc
ADCV08832Low Voltage 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl