Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13388-465LF-EVB Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY13388-465LF-EVB
Description  0.1 to 2.7 GHz SP4T Switch with Integrated Logic Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13388-465LF-EVB Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY13388-465LF-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13388-465LF-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13388-465LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13388-465LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13388-465LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13388-465LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13388-465LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13388-465LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13388-465LF-EVB Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DATA SHEET • SKY13388-465LF: SP4T SWITCH WITH INTEGRATED LOGIC DECODER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201403G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 16, 2015
5
–45
–50
–40
–35
–30
–25
–20
–15
–10
–5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
ANT to RF1
ANT to RF2
ANT to RF3
Figure 7. Isolation vs Frequency
(ANT to RF4 Insertion Loss State)
–70
–60
–50
–40
–30
–20
–10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
ANT to RF1
ANT to RF2
ANT to RF3
ANT to RF4
Figure 8. Input Return Loss vs Frequency
Evaluation Board Description
The SKY13388-465LF Evaluation Board is used to test the
performance of the SKY13388-465LF SP4T Switch. An Evaluation
Board schematic diagram is provided in Figure 9. An assembly
drawing for the Evaluation Board is shown in Figure 10.
Package Dimensions
The PCB layout footprint for the SKY13388-465LF is provided in
Figure 11. Typical case markings are shown in Figure 12.
Package dimensions for the 12-pin QFN are shown in Figure 13,
and tape and reel dimensions are provided in Figure 14.
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SKY13388-465LF is rated to Moisture Sensitivity Level 1
(MSL1) at 260
C. It can be used for lead or lead-free soldering.
For additional information, refer to the Skyworks Application Note,
Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
S2746
1
2
3
45
6
12
11
10
9
8
7
RF1
RF Input Port 1
RF Input Port 2
RF Input Port 4
Antenna
RF Input Port 3
DC Supply
RF2
VDD
RF3
Enable
DC Control 2
DC Control 1
RF4
GND
Figure 9. SKY13388-465LF Evaluation Board Schematic


Similar Part No. - SKY13388-465LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13384-350LF SKYWORKS-SKY13384-350LF Datasheet
989Kb / 12P
   0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
SKY13384-350LF-EVB SKYWORKS-SKY13384-350LF-EVB Datasheet
989Kb / 12P
   0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13385-460LF-EVB SKYWORKS-SKY13385-460LF-EVB Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
More results

Similar Description - SKY13388-465LF-EVB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
   0.1 GHz to 18 GHz, GaAs SP4T Switch
logo
Skyworks Solutions Inc.
SKYA21029 SKYWORKS-SKYA21029 Datasheet
400Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
July 10, 2017
SKY13414-485LF SKYWORKS-SKY13414-485LF Datasheet
398Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
logo
Analog Devices
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
   0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
   Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
logo
Skyworks Solutions Inc.
SKY19225-001 SKYWORKS-SKY19225-001 Datasheet
171Kb / 2P
   0.1 to 2.7 GHz SP4T High-Power Antenna Tuning Switch in a WLCSP Package
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY19245-686LF SKYWORKS-SKY19245-686LF Datasheet
192Kb / 2P
   0.1 to 2.7 GHz SP4T High-Power Antenna Tuning Switch in a QFN Package
SKY13322-375LF SKYWORKS-SKY13322-375LF_10 Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13384-350LF SKYWORKS-SKY13384-350LF Datasheet
989Kb / 12P
   0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com