Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13347-360LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY13347-360LF
Description  0.5 to 4.0 GHz SPST Switch, 50 Terminated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13347-360LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY13347-360LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET • SKY13347-360LF: SPST SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
November 10, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201393B
Table 1. SKY13347-360LF Signal Descriptions
Pin
Name
Description
Pin
Name
Description
1
N/C
No connection. May be connected to ground with no
change in performance.
5
RF1
RF port 1. Must be DC blocked.
2
GND
Ground
6
VS
DC bias voltage. Refer to Table 4.
3
GND
Ground
7
V1
DC control voltage. Refer to Table 4.
4
N/C
No connection. May be connected to ground with no
change in performance.
8
RF2
RF port 2. Must be DC blocked.
Functional Description
Switching is controlled by a single control voltage on the V1 pin.
Depending on the logic applied to the control pin, the RF1 and
RF2 signals (pins 5 and 8, respectively) are connected to each
other either by a low insertion loss path or a high isolation path.
Both RF ports of the switch require DC blocking capacitors. The
value of either blocking capacitor determines the low frequency of
operation.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY13347-360LF are
provided in Table 2. Electrical specifications are provided in
Table 3.
Typical performance characteristics of the SKY13347-360LF are
illustrated in Figures 3 through 8.
The state of the SKY13347-360LF is determined by the logic
provided in Table 4.
Table 2. SKY13347-360LF Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
DC supply voltage
VS
6
V
Input power for TOP < 85
°C
PIN
+32
dBm
Input power for 85
°C < TOP < 105 °C
PIN
+20
dBm
Control voltage
V1
VS
V
Operating temperature (PINMAX = +20 dBm for TOP = +105
°C)
TOP
–40
+105
C
Storage temperature
TSTG
–40
+125
C
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.


Similar Part No. - SKY13347-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13344-378LF SKYWORKS-SKY13344-378LF Datasheet
206Kb / 10P
   2.0-6.0 GHz GaAs SPDT Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13348-374LF SKYWORKS-SKY13348-374LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY13347-360LF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1055 AD-HMC1055 Datasheet
289Kb / 10P
   0.5 GHz to 4.0 GHz, GaAs, SPST Switch
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
   GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
Tyco Electronics
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
   GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
   GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Tyco Electronics
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
   GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Hexawave, Inc
HWS517_V1 HW-HWS517_V1 Datasheet
90Kb / 3P
   GaAs 0.5-3 GHz SPDT Terminated Switch
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
   GaAs 0.5-6 GHz SPDT Terminated Switch
logo
List of Unclassifed Man...
MASW-010351 ETC1-MASW-010351 Datasheet
185Kb / 5P
   SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
   SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
   SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com