Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XZ1003-QT-EV1 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # XZ1003-QT-EV1
Description  MoCA Compliant Front-End GaAs IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XZ1003-QT-EV1 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button XZ1003-QT-EV1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Front End GaAs IC
775 - 1525 MHz
Rev. V4
XZ1003-QT
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
Transmit Specifications, (cont.):
Freq = 775 - 1525 MHz, TA = -40°C to +85°C, VDD = 3.13 - 3.47 V, Z0 = 75 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
PA Output to RX Output Isolation
TX Mode (TX_RX=H; CAL=L; RX_ATT=L)
Calibration Mode (CAL=H)
dB
16
25
19.5
30
32
37
PA Output to I_O Isolation
Calibration Mode (CAL=H)
dB
16
17.5
Power Detector
Min Output Voltage
(No TX Output Power)
Detector Output Load 100 kΩ
-40°C
+25°C
+85°C
mV
392
416
436
402
454
503
Power Detector
CW Output Voltage
Detector Output Load 100 kΩ, 775 & 1525 MHz only
TX Power Out = +3.3 dBm, +25°C & 3.3 V
TX Power Out = +7.0 dBm, +25°C & 3.3 V
mV
602
711
635
759
668
807
Power Detector Delta Voltage
Detector Output Load 100 kΩ, 775 & 1525 MHz only
TX Power Out = +3.3 dBm, +25°C & 3.3 V
TX Power Out = +7.0 dBm, +25°C & 3.3 V
mV
201
303
237
357
258
389
Power Detector Video Bandwidth
MHz
50
Power Detector Switch Time
Detector Output Load 100 kΩ
50% Cal Control to 10/90% RF
ns
100
Noise Figure
Gain 1
Gain 2
Gain 3
dB
6.0
9.5
12.0
Spurious (2nd Harmonics)
TX Power Out = +9 dBm
dBm
-26
Spurious (All Others)
TX Power Out = +9 dBm
dBm
-51


Similar Part No. - XZ1003-QT-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XZ1003-QT MIMIX-XZ1003-QT Datasheet
1Mb / 1P
   Hi-RF Front End IC
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT Datasheet
102Kb / 1P
   Front End GaAs IC 775-1525 MHz Integrated PA Bias Control
More results

Similar Description - XZ1003-QT-EV1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XZ1004-QT MA-COM-XZ1004-QT Datasheet
1,022Kb / 12P
   MoCA Compliant Front-End GaAs IC
logo
List of Unclassifed Man...
U7001BG ETC1-U7001BG Datasheet
179Kb / 11P
   CT2 Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com