Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1008-QB-EV1 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XR1008-QB-EV1
Description  Sub-harmonic, Image Reject Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XR1008-QB-EV1 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XR1008-QB-EV1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XR1008-QB-EV1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XR1008-QB-EV1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XR1008-QB-EV1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XR1008-QB-EV1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XR1008-QB-EV1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XR1008-QB-EV1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XR1008-QB-EV1 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XR1008-QB-EV1 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Receiver
35 - 45 GHz
Rev. V1
XR1008-QB
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
2. Performance limits guaranteed over the frequency range 37.0-40.15 GHz
Absolute Maximum Ratings 3
Recommended Layout
Electrical Specifications2: 35-45 GHz (Ambient Temperature T = 25°C)
Parameter
Units
Min.
Typ.
Max.
Frequency Range (LO)
GHz
16.0
-
24.0
Frequency Range (IF)
GHz
DC
-
4.0
Input Return Loss (S11)
dB
-
10.0
-
Conversion Gain RF/IF (S21) (LSB/USB) [IF=2 GHz]
dB
8.0/9.5
9.0/10.0
-
Conversion Gain RF/IF (S21) (LSB/USB) [IF=3.5 GHz]
dB
6.8/8.3
7.8/8.8
-
LO Input Drive (PLO)
dBm
0.0
+2.0
+8.0
Image Rejection [IF=2 GHz]
dBc
15.0
-
-
Image Rejection [IF=3.5 GHz]
dBc
13.0
-
-
Noise Figure (NF) (LSB/USB) [IF=2 GHz]
dB
-
3.5/3.5
4.6/4.3
Noise Figure (NF) (LSB/USB) [IF=3.5 GHz]
dB
-
4.0/4.0
5.1/4.8
Isolation LO/RF @ LOx1/LOx2
dB
-
40.0/40.0
-
Input Third Order Intercept Point (IIP3)
dBm
0.0
+5.0
-
Input 1 dB Compression (IP1dB)
dBm
-
-5.0
-
Drain Bias Voltage (Vd)
VDC
-
4.0
4.0
Gate Bias Voltage (Vg1,2)
VDC
-1.0
-0.5
-0.1
Supply Current (Id) (Vd=4.0, Vg=-0.5V Typical)
mA
-
180
240
Parameter
Absolute Max.
Supply Voltage (Vd)
+4.3 VDC
Supply Current (Id)
300 mA
Gate Bias Voltage (Vg)
-1.5V < Vg < 0V
Input Power (Pin)
+5 dBm
Storage Temperature (Tstg)
-65 ºC to +165 ºC
Operating Temperature (Ta)
-55 ºC to +85 ºC
Channel Temperature (Tch)
175 ºC
ESD - Human Body Model
Class 1A
ESD - Machine Body Model
Class A
Moisture Sensitivity Level
MSL3
3. Channel temperature affects a device’s MTTF. It is recom-
mended to keep channel temperature as low as possible for
maximum life


Similar Part No. - XR1008-QB-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1008-QB-EV1 MIMIX-XR1008-QB-EV1 Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB-EV1 MIMIX-XR1008-QB-EV1 Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
More results

Similar Description - XR1008-QB-EV1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD_15 Datasheet
1Mb / 9P
   Sub-harmonic Image Reject Mixer
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
logo
Merrimac Industries, In...
IMM-2D-20 MERRIMAC-IMM-2D-20 Datasheet
40Kb / 1P
   IMAGE REJECT MIXERS
IMP-2S-10 MERRIMAC-IMP-2S-10 Datasheet
146Kb / 2P
   IMAGE REJECT MIXERS
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Merrimac Industries, In...
IMF-2F-10 MERRIMAC-IMF-2F-10 Datasheet
41Kb / 1P
   IMAGE REJECT MIXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com