Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1026-BD-000V Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # XP1026-BD-000V
Description  Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1026-BD-000V Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XP1026-BD-000V Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1026-BD-000V Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1026-BD-000V Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1026-BD-000V Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1026-BD-000V Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1026-BD-000V Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1026-BD-000V Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1026-BD-000V Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XP1026-BD-000V Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Power Amplifier
27.0-32.0 GHz
Rev. V1
XP1026-BD
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Ka-Band 2W Power Amplifier
 21.0 dB Small Signal Gain
 +33.0 dBm Saturated Output Power
 +40.0 dBm Output Third Order Intercept (OIP3)
 100% On-Wafer RF, DC and Output Power
Testing
 100% Visual Inspection to MIL-STD-883 Method
2010
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM Tech’s three stage 27.0-32.0 GHz GaAs
MMIC power amplifier has a small signal gain of
21.0 dB with +33 dBm saturated output power. This
MMIC uses M/A-COM Tech’s GaAs PHEMT device
model technology, and is based upon electron beam
lithography to
ensure
high
repeatability
and
uniformity. The chip has surface passivation to
protect and provide a rugged part with backside via
holes and gold metallization to allow either a
conductive epoxy or eutectic solder die attach
process. This device is well suited for Millimeter-
wave Point-to-Point Radio, LMDS, SATCOM and
VSAT applications.
Ordering Information
Part Number
Package
XP1026-BD-000V
“V” - vacuum release
gel paks
Absolute Maximum Ratings
Parameter
Absolute Max.
Supply Voltage (Vd)
+6.0 VDC2
Supply Current (Id1,2,3)
165,415,790 mA
Gate Bias Voltage (Vg)
+0.3 VDC
Input Power (Pin)
+22 dBm
Storage Temperature (Tstg)
-65 °C to +165 °C
Operating Temperature (Ta)
-55 °C to +85 °C
Channel Temperature (Tch)1
175 °C
1. Channel temperature directly affects a device's MTTF. Chan-
nel temperature should be kept as low as possible to maximize
lifetime.
2. Under pulsed bias conditions, under CW Psat conditions fur-
ther reduction in max supply voltage (~0.5V) is recommended.
Chip Device Layout


Similar Part No. - XP1026-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1026-BD-000V MIMIX-XP1026-BD-000V Datasheet
284Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD-000V MIMIX-XP1026-BD-000V Datasheet
263Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1026-BD-000V

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com