Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM1001-BD Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # XM1001-BD
Description  Fundamental Image Reject Mixer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XM1001-BD Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  XM1001-BD_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XM1001-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XM1001-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XM1001-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XM1001-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XM1001-BD_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XM1001-BD_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XM1001-BD_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XM1001-BD_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Image Reject Mixer
12.0-40.0 GHz
Rev. V1
XM1001-BD
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Typical Performance Curves (cont.)
-50
-47.5
-45
-42.5
-40
-37.5
-35
-32.5
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
RF freq (GHz)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
LO freq (GHz)
-50
-47.5
-45
-42.5
-40
-37.5
-35
-32.5
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
8
12
16
20
24
28
32
36
40
10
14
18
22
26
30
34
38
42
-20
-18
-16
-14
-12
-10
-8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
LO freq (GHz)
Conv Loss, =R11C5, PLO (dBm)=6
Conv Loss, =R11C5, PLO (dBm)=9
Conv Loss, =R11C5, PLO (dBm)=12
Conv Loss, =R11C5, PLO (dBm)=15
Im. Rej., =R11C5, PLO (dBm)=6
Im. Rej., =R11C5, PLO (dBm)=9
Im. Rej., =R11C5, PLO (dBm)=12
Im. Rej., =R11C5, PLO (dBm)=15
-20
-18
-16
-14
-12
-10
-8
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
Conv Loss, PLO (dBm)=6, =R11C5
Conv Loss, PLO (dBm)=9, =R11C5
Conv Loss, PLO (dBm)=12, =R11C5
Conv Loss, PLO (dBm)=15, =R11C5
Im. Rej., PLO (dBm)=6, =R11C5
Im. Rej., PLO (dBm)=9, =R11C5
Im. Rej., PLO (dBm)=12, =R11C5
Im. Rej., PLO (dBm)=15, =R11C5
-80
-70
-60
-50
-40
-30
-20
-10
0
20
21
22
23
24
25
26
27
Conv Loss Vg=-2.1
Conv Loss Vg=-1.9
Conv Loss Vg=-1.7
Conv Loss Vg=-1.5
Conv Loss Vg=-1.3
Conv Loss Vg=-1.1
Conv Loss Vg=-0.9
Conv Loss Vg=-0.7
Conv Loss Vg=-0.5
Conv Loss Vg=-0.3
Conv Loss Vg=-0.1
Conv Loss Vg=0.1
Image Rejection Vg=-2.1
Image Rejection Vg=-1.9
Image Rejection Vg=-1.7
Image Rejection Vg=-1.5
Image Rejection Vg=-1.3
Image Rejection Vg=-1.1
Image Rejection Vg=-0.9
Image Rejection Vg=-0.7
Image Rejection Vg=-0.5
Image Rejection Vg=-0.3
Image Rejection Vg=-0.1
Image Rejection Vg=0.1
-44
-42
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
16
17
18
19
20
21
22
23
Conv Loss Vg=-2.1
Conv Loss Vg=-1.9
Conv Loss Vg=-1.7
Conv Loss Vg=-1.5
Conv Loss Vg=-1.3
Conv Loss Vg=-1.1
Conv Loss Vg=-0.9
Conv Loss Vg=-0.7
Conv Loss Vg=-0.5
Conv Loss Vg=-0.3
Conv Loss Vg=-0.1
Conv Loss Vg=0.1
Image Rejection Vg=-2.1
Image Rejection Vg=-1.9
Image Rejection Vg=-1.7
Image Rejection Vg=-1.5
Image Rejection Vg=-1.3
Image Rejection Vg=-1.1
Image Rejection Vg=-0.9
Image Rejection Vg=-0.7
Image Rejection Vg=-0.5
Image Rejection Vg=-0.3
Image Rejection Vg=-0.1
Image Rejection Vg=0.1


Similar Part No. - XM1001-BD_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-BD-000V MIMIX-XM1001-BD-000V Datasheet
329Kb / 9P
   12.0-40.0 GHz GaAs MMIC Image Reject Mixer
XM1001-BD-EV1 MIMIX-XM1001-BD-EV1 Datasheet
329Kb / 9P
   12.0-40.0 GHz GaAs MMIC Image Reject Mixer
More results

Similar Description - XM1001-BD_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XM1002-BD MA-COM-XM1002-BD_15 Datasheet
919Kb / 9P
   Fundamental Image Reject Mixer
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Mini-Circuits
JCIR-4MH MINI-JCIR-4MH Datasheet
313Kb / 2P
   Image Reject Mixer
JCIR-152H MINI-JCIR-152H Datasheet
380Kb / 2P
   Image Reject Mixer
logo
Spectrum Microwave, Inc...
IRM5XMS-1 SPECTRUM-IRM5XMS-1 Datasheet
994Kb / 1P
   Image Reject Mixer / SSB Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com