Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC1R5-5-12 Datasheet(PDF) 3 Page - DENSEI-LAMBDA

Part # PC1R5-5-12
Description  Single output DC-DC converter 1.5W ~ 6W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PC1R5-5-12 Datasheet(HTML) 3 Page - DENSEI-LAMBDA

  PC1R5-5-12 Datasheet HTML 1Page - DENSEI-LAMBDA PC1R5-5-12 Datasheet HTML 2Page - DENSEI-LAMBDA PC1R5-5-12 Datasheet HTML 3Page - DENSEI-LAMBDA PC1R5-5-12 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
117
PCD-SERIES
Dual output DC-DC converter 1.5W ~ 6W
Model name
PCD 6 - 24 - 1212
Features
Input/Output isolation
5 dimensions shield metal case
Over current protection
Adjustable output voltage
Remote ON/OFF control (6W type)
Series
name
Output
power
Input
voltage
Output
voltage
PCD1R5 (1.5W type) Specifications
Model
Input Voltage
Output Voltage (*1)
Output Current
Output Power (max)
Efficiency (typ) (*2)
Vdc
Vdc
mA
W
%
PCD1R5–5–1212
5VDC (4.5 ~ 9.0V)
±12V±5%
±15V±5%
0 ~ ±60
0 ~ ±50
1.44
1.5
69
67
PCD1R5–12–1212
12VDC (9 ~ 18V)
±12V±5%
±15V±5%
0 ~ ±60
0 ~ ±50
1.44
1.5
73
73
PCD1R5–24–1212
24VDC (18 ~ 36V)
±12V±5%
±15V±5%
0 ~ ±60
0 ~ ±50
1.44
1.5
75
75
PCD1R5–48–1212
48VDC (36 ~ 72V)
±12V±5%
±15V±5%
0 ~ ±60
0 ~ ±50
1.44
1.5
75
75
PCD3 (3W type) Specifications
Model
Input Voltage
Output Voltage (*1)
Output Current
Output Power (max)
Efficiency (typ) (*2)
Vdc
Vdc
mA
W
%
PCD3–5–1212
5VDC (4.5 ~ 9.0V)
±12V±5%
±15V±5%
0 ~ ±125
0 ~ ±100
3.0
3.0
72
72
PCD3–12–1212
12VDC (9 ~ 18V)
±12V±5%
±15V±5%
0 ~ ±125
0 ~ ±100
3.0
3.0
77
77
PCD3–24–1212
24VDC (18 ~ 36V)
±12V±5%
±15V±5%
0 ~ ±125
0 ~ ±100
3.0
3.0
78
78
PCD3–48–1212
48VDC (36 ~ 72V)
±12V±5%
±15V±5%
0 ~ ±125
0 ~ ±100
3.0
3.0
78
77
PCD6 (6W type) Specifications
Model
Input Voltage
Output Voltage (*1)
Output Current
Output Power (max)
Efficiency (typ) (*2)
Vdc
Vdc
mA
W
%
PCD6–5–1212
5VDC (4.5 ~ 9.0V)
±12V±5%
±15V±5%
0 ~ ±250
0 ~ ±200
6.0
6.0
75
75
PCD6–12–1212
12VDC (9 ~ 18V)
±12V±5%
±15V±5%
0 ~ ±250
0 ~ ±200
6.0
6.0
82
82
PCD6–24–1212
24VDC (18 ~ 36V)
±12V±5%
±15V±5%
0 ~ ±250
0 ~ ±200
6.0
6.0
84
84
PCD6–48–1212
48VDC (36 ~ 72V)
±12V±5%
±15V±5%
0 ~ ±250
0 ~ ±200
6.0
6.0
82
82
Withstand Voltage
Cooling
Operating Temperature
Over Current Protection
Input Protection
Input to Output: 500VAC for 1 minute
Convection cooling
–20 ~ +70°C (–20 ~ +50°C: 100%, +60°C: 70%: 40%)
Output current limiting, automatic recovery. Avoid to operate overload or dead short for more than 30 seconds.
Built in fuse on input line
Common specifications
(*1) Output voltage accuracy includes line and load regulation and temperature drift.
(*2) At rated input voltage & maximum output power.


Similar Part No. - PC1R5-5-12

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PC1R8-100H6 PREMO-PC1R8-100H6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC1R8-100V6 PREMO-PC1R8-100V6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC1R8-60H5 PREMO-PC1R8-60H5 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
More results

Similar Description - PC1R5-5-12

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PCD6 LAMBDA-PCD6 Datasheet
363Kb / 4P
   Single output DC-DC converter 1.5W ~ 6W?
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
logo
DENSEI-LAMBDA
PV3 LAMBDA-PV3 Datasheet
128Kb / 2P
   Single in-line DC-DC converter Single output 1.5W/3W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com