Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1008-QT-EV1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # XB1008-QT-EV1
Description  Buffer Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XB1008-QT-EV1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XB1008-QT-EV1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XB1008-QT-EV1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XB1008-QT-EV1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XB1008-QT-EV1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XB1008-QT-EV1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XB1008-QT-EV1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Buffer Amplifier
10 - 21 GHz
Rev. V2
XB1008-QT
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Excellent Transmit LO/Output Buffer Stage
 17 dB Small Signal Gain
 20 dBm Psat
 32 dBm Output IP3
 4.5 dB Noise Figure
 Variable Gain with Adjustable Bias
 100% RF, DC and Output Power Testing
 Lead-Free 3 mm 16-Lead QFN Package
 RoHS* Compliant
Description
The XB1008-QT is a two stage 10 - 21 GHz GaAs
MMIC buffer amplifier that has a small signal gain of
17 dB with a 18 dBm P1dB output compression
point. The device also provides variable gain
regulation with adjustable bias.
The device is ideally suited as an LO or RF buffer
stage with broadband performance at a very low
cost. The device comes in an RoHS compliant 3 mm
QFN surface mount package offering excellent RF
and thermal properties. This device is specifically
designed for use in PtP radio applications and is well
suited for other telecom applications such as
SATCOM and VSAT.
Part Number
Package
XB1008-QT-0G0T
tape and reel
XB1008-QT-EV1
evaluation module
Functional Block Diagram
Pin Configuration
Pin No.
Function
1-2, 4, 6-9, 11, 12, 14-16
Ground
3
RF Input
5
Gate Bias
10
RF Output
13
Drain Bias
Paddle2
Ground
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Ordering Information1
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be
connected to RF, DC and thermal ground.
16
15
14
13
12
11
10
9
5
6
7
8
GND
GND
RFIN
RFOUT
VD
VG
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
1
2
3
4


Similar Part No. - XB1008-QT-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1008-QT-EV1 MIMIX-XB1008-QT-EV1 Datasheet
694Kb / 6P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results

Similar Description - XB1008-QT-EV1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XB1004-BD MA-COM-XB1004-BD_15 Datasheet
1Mb / 12P
   Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD Datasheet
1Mb / 14P
   Buffer Amplifier
XB1004-BD MA-COM-XB1004-BD Datasheet
1Mb / 12P
   Buffer Amplifier
XB1007-BD MA-COM-XB1007-BD Datasheet
901Kb / 11P
   Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD Datasheet
676Kb / 7P
   Buffer Amplifier
XB1008-QT MA-COM-XB1008-QT Datasheet
714Kb / 7P
   Buffer Amplifier
MAAM-011112 MA-COM-MAAM-011112 Datasheet
587Kb / 5P
   Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD_15 Datasheet
676Kb / 7P
   Buffer Amplifier
XB1014-QT-V2 MA-COM-XB1014-QT-V2 Datasheet
200Kb / 6P
   Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD_15 Datasheet
1Mb / 14P
   Buffer Amplifier
MAAM-011112 MA-COM-MAAM-011112_15 Datasheet
587Kb / 5P
   Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com