Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1008-QT-0G0T Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XB1008-QT-0G0T
Description  Buffer Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XB1008-QT-0G0T Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XB1008-QT-0G0T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XB1008-QT-0G0T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XB1008-QT-0G0T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XB1008-QT-0G0T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XB1008-QT-0G0T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XB1008-QT-0G0T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Buffer Amplifier
10 - 21 GHz
Rev. V2
XB1008-QT
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: 10 - 21 GHz, TA = +25°C
Parameter
Units
Min.
Typ.
Max.
Input Return Loss (S11)
dB
12
Output Return Loss (S22)
dB
12
Small Signal Gain (S21)
dB
17
Gain Flatness (ΔS21)
dB
+/-2
Reverse isolation (S12)
dB
65
Noise Figure
dB
4.5
Output Power for 1dB Compression Point (P1dB)
dBm
18
Saturated Output Power (PSAT)
dBm
20
Output Third Order Intercept
dBm
32
Drain Bias Voltage (VD)
VDC
4
4
Gate Bias Voltage (VG)
VDC
-1.0
-0.23
-0.1
Supply Current (ID) (VD = +4.0 V, VG2 = -0.5 V Typical)
mA
100
130
Absolute Maximum Ratings3
Parameter
Absolute Maximum
Supply Voltage
4.3 VDC
Supply Current
180 mA
Gate Bias Voltage
0 V
Input Power
20 dBm
Storage Temperature
-65°C to +165°C
Operating Temperature
-55°C to +85°C
Channel Temperature
150°C
3. Channel temperature directly affects a device's MTTF.
Channel temperature should be kept as low as possible to
maximize lifetime.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these HBM Class 1A
devices, MM Class A devices.


Similar Part No. - XB1008-QT-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1008-QT-0G0T MIMIX-XB1008-QT-0G0T Datasheet
694Kb / 6P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results

Similar Description - XB1008-QT-0G0T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XB1004-BD MA-COM-XB1004-BD_15 Datasheet
1Mb / 12P
   Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD Datasheet
1Mb / 14P
   Buffer Amplifier
XB1004-BD MA-COM-XB1004-BD Datasheet
1Mb / 12P
   Buffer Amplifier
XB1007-BD MA-COM-XB1007-BD Datasheet
901Kb / 11P
   Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD Datasheet
676Kb / 7P
   Buffer Amplifier
XB1008-QT MA-COM-XB1008-QT Datasheet
714Kb / 7P
   Buffer Amplifier
MAAM-011112 MA-COM-MAAM-011112 Datasheet
587Kb / 5P
   Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD_15 Datasheet
676Kb / 7P
   Buffer Amplifier
XB1014-QT-V2 MA-COM-XB1014-QT-V2 Datasheet
200Kb / 6P
   Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD_15 Datasheet
1Mb / 14P
   Buffer Amplifier
MAAM-011112 MA-COM-MAAM-011112_15 Datasheet
587Kb / 5P
   Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com