Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21355G-15 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M21355G-15
Description  3G/HD/SD-SDI Multi-rate Video Quad Reclocker
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21355G-15 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M21355G-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21355G-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21355G-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21355G-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21355G-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21355G-15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21355G-15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21355G-15 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21355G-15 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Table 1-6.
Reclocker Specifications (See note below for Level B format)
Symbol
Parameter
Conditions
Note
Minimum
Typical
Maximum
Unit
tLOCK
Lock time (asynchronous)
Automatic rate detection enabled
1
6
ms
FLBWPEAK Loop bandwidth peaking
1
0.1
dB
FLBW
Loop bandwidth
(nominal setting)
3G operation (2.97 Gbps)
1
1.7
MHz
HD operation (1.485 Gbps)
1
0.85
SD operation (270 Mbps)
1
0.17
JTOL
Input jitter tolerance
3G, HD, and SD operation
2
>0.6
UI p-p
JGEN
Total Output jitter
3G operation (2.97 Gbps)
2, 3
0.07
0.11
UI p-p
HD operation (1.485 Gbps)
2, 3
0.04
0.06
SD operation (270 Mbps)
2, 3
0.02
0.05
NOTE:
1.
0.2 UI input jitter applied at SDI input.
2.
Measured with PRBS210-1.
3.
Input jitter = 20 ps p-p.
Table 1-7.
XTALP/N and Reference Clock Electrical Specifications
Symbol
Parameter
Note
Minimum
Typical
Maximum
Unit
FREF
XTAL/Ref clock frequency
3
27
MHz
FREF, PPM
XTAL/Ref clock frequency accuracy
-100
0
100
ppm
CLOAD
XTAL load capacitance
1
20
25
pF
CLOCKJITT
Jitter (RMS)
2, 4
1
ps
CLOCKDCT
Reference clock duty cycle tolerance
2
40
60
%
RIN
Input impedance
2, 5
0.2
0.75
1.2
k
VIN
Input amplitude
2
0.8
1.2
V
tR/tF
Rise/Fall time
2, 6
2
6
ns
NOTE:
1.
This capacitance is supplied internally (no external cap is required).
2.
When using an external reference clock source, this should be AC coupled through a 0.1 µF capacitor.
3.
When using an external clock a small increase in jitter may be seen. For best performance a crystal is recommended.
4.
Jitter Bandwidth 12 kHz to 20 MHz.
5.
Measured with Agilent TDR module.
6.
10% to 90% rise and fall times.
M21350-15/M21355-15
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
9
3G/HD/SD-SDI Multi-rate Video Quad Reclocker
Rev V6


Similar Part No. - M21355G-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
More results

Similar Description - M21355G-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M08035 MA-COM-M08035 Datasheet
1Mb / 49P
   SD, HD, 3G Multi-rate Reclocker
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
   Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com