Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21350-15 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # M21350-15
Description  3G/HD/SD-SDI Multi-rate Video Quad Reclocker
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21350-15 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M21350-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21350-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21350-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21350-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21350-15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21350-15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21350-15 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21350-15 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21350-15 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Table 1-8.
Digital Input/Output Electrical Characteristics
Symbol
Parameter
Note
Minimum
Typical
Maximum
Unit
VOH
Output Logic High
1
0.80 x DVDDIO
DVDDIO
V
VOL
Output Logic Low
2
0.2 x DVDDIO
V
VIH
Input Logic High
3, 5
0.85 x DVDDIO
DVDDIO + 0.5
V
VIF
Input Logic Floating
3, 5
0.25 x DVDDIO
0.75 x DVDDIO
V
VIL
Input Logic Low
3, 5
0
0.15 x DVDDIO
V
VIH
Input Logic High
4, 5
0.75 x DVDDIO
DVDDIO + 0.5
V
VIL
Input Logic Low
4, 5
0
0.25 x DVDDIO
V
NOTE:
1.
IOH = -3 mA
2.
IOL = 3 mA
3.
3- state input
4.
2- state input
5.
Some inputs can be 2 or 3 state. Depending on which mode is selected the threshold levels will change accordingly.
M21350-15/M21355-15
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
10
3G/HD/SD-SDI Multi-rate Video Quad Reclocker
Rev V6


Similar Part No. - M21350-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
More results

Similar Description - M21350-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M08035 MA-COM-M08035 Datasheet
1Mb / 49P
   SD, HD, 3G Multi-rate Reclocker
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
   Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com