Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4563LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT7C4563LE
Description  Real-time Clock Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4563LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT7C4563LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0333-4
06/18/13
4
PT7C4563
Real-time Clock Module (I2C Bus)
DC Electrical Characteristics
Unless otherwise specified, GND =0V, VCC = 1.3 ~ 5.5 V, TA = -40 °C to +85 °C, fOSC = 32.768kHz.
Sym.
Description
Pin
Conditions
Min
Typ
Max
Unit
VCC
Supply voltage
VCC
Interface inactive. TA = 25°C
1)
1.1
-
5.5
V
Interface active. fSCL = 400kHz
1)
1.3
-
5.5
Supply voltage for clock
data integrity
VCC
-
1.1
-
5.5
ICC Supply current
VCC
Interface active
fSCL = 400kHz
-
-
35
A
fSCL = 100kHz
-
-
15
Interface inactive (fSCL = 0Hz),
pin 7 disabled TA=-40~85°C
VCC = 5.0V
-
450
850
nA
VCC = 3.0V
-
400
650
Interface inactive (fSCL = 0Hz),
pin 7 enabled at 32kHz TA=-
40~85°C
VCC = 5.0V
-
650
1200
nA
VCC = 3.0V
-
600
850
VIL1
Low-level input voltage
SCL
-
0
-
0.3VCC
V
VIH1
High-level input voltage
SCL
-
0.7VCC
-
VCC
IOL
Low-level output voltage
SDA
VOL = 0.4V, VCC = 5V
-3
-
-
mA
/INT, SQW VOL = 0.4V, VCC = 5V
-1
-
-
IIL
Input leakage current
SCL
-
-
-
1
A
IOZ
Output current when OFF
-
-
-
-
1
A
Note:
1) For reliable oscillator start-up at power-up: VCC(min)power-up = VCC(min) + 0.3 V.
AC Electrical Characteristics
Sym
Description
Value
Unit
VHM
Rising and falling threshold voltage high
0.8 VCC
V
VHL
Rising and falling threshold voltage low
0.2 VCC
V
Signal
tf
tr
VHM
VLM


Similar Part No. - PT7C4563LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7C4563BQ DIODES-PT7C4563BQ Datasheet
1Mb / 19P
   Automotive Grade Real-time Clock
March 2020
PT7C4563BQ1WEX DIODES-PT7C4563BQ1WEX Datasheet
1Mb / 19P
   Automotive Grade Real-time Clock
March 2020
More results

Similar Description - PT7C4563LE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com