Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4563WE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT7C4563WE
Description  Real-time Clock Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4563WE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PT7C4563WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4563WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4563WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4563WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4563WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4563WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4563WE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4563WE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4563WE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0333-4
06/18/13
6
PT7C4563
Real-time Clock Module (I
2C Bus)
Recommended Layout for Crystal
Built-in Capacitors Specifications and Recommended External Capacitors
Parameter
Symbol
Typ
Unit
Build-in capacitors
X1 to GND
CG
12
pF
X2 to GND
CD
12
pF
Recommended External capacitors for
crystal CL=12.5pF
X1 to GND
C1
10
pF
X2 to GND
C2
10
pF
Recommended External capacitors for
crystal CL=6pF
X1 to GND
C1
0
pF
X2 to GND
C2
0
pF
Note: The frequency of crystal can be optimized by external capacitor C1 and C2, for frequency=32.768Hz, C1 and C2 should
meet the equation as below:
Cpar + [(C1+CG)*(C2+CD)]/ [(C1+CG)+(C2+CD)] =CL
Cpar is all parasitical capacitor between X1 and X2.
CL is crystal’s load capacitance.
Crystal Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Nominal Frequency
fO
-
32.768
-
kHz
Series Resistance
ESR
-
-
70
k
Load Capacitance
CL
-
6/12.5
-
pF
Note: The crystal, traces and crystal input pins
should be isolated from RF generating signals.


Similar Part No. - PT7C4563WE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7C4563BQ DIODES-PT7C4563BQ Datasheet
1Mb / 19P
   Automotive Grade Real-time Clock
March 2020
PT7C4563BQ1WEX DIODES-PT7C4563BQ1WEX Datasheet
1Mb / 19P
   Automotive Grade Real-time Clock
March 2020
More results

Similar Description - PT7C4563WE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com