Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4372CWE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7C4372CWE
Description  Real-time Clock Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4372CWE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7C4372CWE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4372CWE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4372CWE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4372CWE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4372CWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4372CWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4372CWE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4372CWE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4372CWE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0001
PT0150-8
07/04/12
2
PT7C4372A/4372C
Real-time Clock Module (I
2C Bus)
Pin Assignment
SCL
SDA
GND
Vcc
OSCIN
OSCOUT
6
7
8
1
2
3
INTB
4
5
INTA
PT7C4372A/C
Pin Description
Pin No
Pin
Name
Type
Description
1
/INTB
O
Interrupt B (Open Drain). It outputs alarm interrupts and periodic interrupts.
2
SCL
I
Serial Clock Line. It is for I
2C communication. Data input and output across SDA pin is
synchronized with this clock. Up to 6V beyond Vcc may be input.
3
SDA
I/O
Serial Data Line (Open Drain output). This line is for transferring I
2C bus format data.
When input, up to 6V beyond VCC may be used. When output, it is an open drain output
pin.
4
GND
P
Ground
5
/INTA
O
Interrupt A (Open Drain). It outputs alarm interrupts and periodic interrupts.
6
OSCOUT
O
Oscillator Circuit Output. Together with OSCIN, an crystal oscillator is connected
between them.
7
OSCIN
I
Oscillator Circuit Input. See OSCOUT pin description.
8
Vcc
P
Power
8 pin TSSOP
8 pin SOIC


Similar Part No. - PT7C4372CWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4300 PERICOM-PT7C4300 Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4300W PERICOM-PT7C4300W Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4300WE PERICOM-PT7C4300WE Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4372CWE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com