Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4502-2WF Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7C4502-2WF
Description  PLL Clock Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4502-2WF Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7C4502-2WF Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4502-2WF Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4502-2WF Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4502-2WF Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4502-2WF Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4502-2WF Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PLL Clock Multiplier
2014-09-0002
PT0140-6
09/23/14
1
PT7C4502
Features
 Low cost frequency multiplier
 Zero ppm multiplication error
 Input crystal frequency of 5 - 30 MHz
 Input clock frequency of 4 - 50 MHz
 Output clock frequencies up to 180 MHz
 Period jitter 50ps (100~180MHz)
 Duty cycle of 45/55% up to 160MHz
 Operating voltages of 3.0 to 5.5V
 Tri-state output for board level testing
 Die form, Wafer form
Applications
 Used for crystal oscillator
Description
The PT7C4502 is a high performance frequency
multiplier, which integrates Analog Phase Lock Loop
techniques.
The PT7C4502 is the most cost effective way to
generate a high quality, high frequency clock output
from a lower frequency crystal or clock input. It is
designed to replace crystal oscillators in most electronic
systems, clock multiplier and frequency translation.
Using Phase-Locked-Loop (PLL) techniques, the
device uses a standard fundamental mode, inexpensive
crystal to produce output clocks up to 180 MHz.
The complex Logic divider is the ability to
generate nine different popular multiplication factors,
allowing one chip to output many common frequencies.
The device also has an Output Enable pin that tri-
states the clock output when the OE pin is taken low.
This product is intended for clock generation and
frequency translation with low output jitter (variation in
the output period)
Block Diagram
PLL Clock Synthesis
and
Control Circuit
Crystal
Oscillator
S0
S1
X2
CLK
V
CC
GND
X1/ICLK
Output
Buffer


Similar Part No. - PT7C4502-2WF

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4511 PERICOM-PT7C4511 Datasheet
326Kb / 5P
   PLL Clock Multiplier
PT7C4511WE PERICOM-PT7C4511WE Datasheet
326Kb / 5P
   PLL Clock Multiplier
PT7C4512 PERICOM-PT7C4512 Datasheet
267Kb / 5P
   PLL Clock Multiplier
PT7C4512WE PERICOM-PT7C4512WE Datasheet
267Kb / 5P
   PLL Clock Multiplier
PT7C4563 PERICOM-PT7C4563 Datasheet
512Kb / 18P
   Real-time Clock Module
More results

Similar Description - PT7C4502-2WF

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C490086 PERICOM-PI6C490086 Datasheet
816Kb / 5P
   PLL Clock Multiplier
PI6C4512 PERICOM-PI6C4512 Datasheet
443Kb / 4P
   PLL Clock Multiplier
PI6C4511 PERICOM-PI6C4511 Datasheet
492Kb / 5P
   PLL Clock Multiplier
logo
Integrated Device Techn...
ICS512 IDT-ICS512 Datasheet
190Kb / 7P
   PLL CLOCK MULTIPLIER
logo
Pericom Semiconductor C...
PT7C4511 PERICOM-PT7C4511 Datasheet
326Kb / 5P
   PLL Clock Multiplier
PT7C4512 PERICOM-PT7C4512 Datasheet
267Kb / 5P
   PLL Clock Multiplier
logo
Integrated Device Techn...
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
   LOCO PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501 ICST-ICS501 Datasheet
122Kb / 6P
   LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com