Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4337ACZSAE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PT7C4337ACZSAE
Description  Real-time Clock Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337ACZSAE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PT7C4337ACZSAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-10-0002
PT0480-2
11/03/14
9
PT7C4337A/4337AC
Real-time Clock Module (I
2C Bus)
08
Alarm 1: Minutes
A1M2
*2
M40
M20
M10
M8
M4
M2
M1
09
Alarm 1: Hours
A1M3
*2
12, /24
H20 or
P, /A
H10
H8
H4
H2
H1
0A
Alarm 1: Day, Date
A1M4
*2
Day,
/Date
0,
D20
0,
D10
0,
D8
W4,
D4
W2,
D2
W1,
D1
0B
Alarm 2: Minutes
A2M2
*3
M40
M20
M10
M8
M4
M2
M1
0C
Alarm 2: Hours
A2M3
*3
12, /24
H20 or
P, /A
H10
H8
H4
H2
H1
0D
Alarm 2: Day, Date
A2M4
*3
Day,
/Date
0,
D20
0,
D10
0,
D8
W4,
D4
W2,
D2
W1,
D1
0E
Control
/ETIME
*4
0
0
RS2
*5
RS1
*5
INTCN
*6
A2IE
*7
A1IE
*7
0F
Status
OSF
*9
0
0
0
0
0
A2F
*8
A1F
*8
Caution points:
*1. PT7C4337A uses 8 bits for address. For excess 0FH address, PT7C4337A will not respond (no acknowledge signal was given).
*2. Alarm 1 mask bits. Select alarm repeated rate when an alarm occurs.
*3. Alarm 2 mask bits. Select alarm repeated rate when an alarm occurs.
*4. Oscillator and time count chain enable/disable bit.
*5. Square wave output frequency select.
*6. Interrupt output pin select bit.
*7. Alarm 1 and alarm 2 enable bits.
*8. Alarm 1 and alarm 2 flag bits.
*9. Oscillator stops flag.
*10. All bits marked with "0" are read-only bits. Their value when read is always "0".
Control and status register
Addr.
(hex)
Description
D7
D6
D5
D4
D3
D2
D1
D0
0E
Control
/ETIME
0
0
RS2
RS1
INTCN
A2IE
A1IE
(default)
0
0
0
1
1
0
0
0
0F
Status
OSF
0
0
0
0
0
A2F
A1F
(default)
1
0
0
0
0
0
Undefined
Undefined
Oscillator related bits
/ETIME
Enable oscillator and time count chain bit.
/ETIME
Data
Description
Read / Write
0
Enable oscillator and time count chain.
Default
1
Disable oscillator and time count chain.
OSF
Oscillator Stops Flag.
A logic 1 in this bit indicates that the oscillator either is stopped or was stopped for some period of time and may be used to judge
the validity of the clock and calendar data. This bit is set to logic 1 anytime that the oscillator stops. The following are examples
of conditions that can cause the OSF bit to be set:
1) The first time power is applied.
2) The voltage present on VCC is insufficient to support oscillation.
3) The /ETIME bit is turned off.
4) External influences on the crystal (e.g., noise, leakage, etc.).
This bit remains at logic 1 until written to logic 0.


Similar Part No. - PT7C4337ACZSAE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337LE PERICOM-PT7C4337LE Datasheet
584Kb / 23P
   Real-time Clock Module
logo
List of Unclassifed Man...
PT7C4337PE ETC2-PT7C4337PE Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
PT7C4337UE ETC2-PT7C4337UE Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337UE PERICOM-PT7C4337UE Datasheet
584Kb / 23P
   Real-time Clock Module
More results

Similar Description - PT7C4337ACZSAE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com