Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4337ACZSAE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT7C4337ACZSAE
Description  Real-time Clock Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337ACZSAE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PT7C4337ACZSAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4337ACZSAE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-10-0002
PT0480-2
11/03/14
7
PT7C4337A/4337AC
Real-time Clock Module (I
2C Bus)
Function Block
Oscillator Circuit
PT7C4337A
The PT7C4337A uses an external 32.768 kHz crystal. Table2 specifies several crystal parameters for the external crystal. The
Block Diagram shows a functional schematic of the oscillator circuit. The startup time is usually less than 1 second when using a
crystal with the specified characteristics.
Table2 Crystal Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Nominal Frequency
fO
-
32.768
-
kHz
Series Resistance
ESR
-
-
70
k
Load Capacitance
CL
-
6/12.5
-
pF
Note: The crystal, traces, and crystal input pins should be isolated from RF generating signals.
Clock Accuracy
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match between the capacitive
load of the oscillator circuit and the capacitive load for which the crystal was trimmed. Crystal frequency drift caused by
temperature shifts creates additional error. External circuit noise coupled into the oscillator circuit can result in the clock running
fast. Figure 1 shows a typical PC board layout for isolating the crystal and oscillator from noise.
PT7C4337AC
The PT7C4337AC integrates a standard 32,768Hz crystal in the package. Typical accuracy at nominal VCC and +25°C is
approximately 10ppm.
Time Counter
(Sec,Min,Hour,Day,Date,Month,Year)
Interrupt Control
Square Wave Output Control
Comparator 1
Alarm 2 Register
(Min, Hour, Day/Date)
Comparator 2
Alarm 1 Register
(Sec, Min, Hour, Day/Date)
Shift Register
Address
Decoder
Address
Register
INTA
SQW/INTB
SCL
SDA
PT7C4337
OSC
X1
X2
C
G
C
D
32.768
kHz
Control Register
Counter Chain
I /O
Interface
(I2C)
PT7C4337A


Similar Part No. - PT7C4337ACZSAE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337LE PERICOM-PT7C4337LE Datasheet
584Kb / 23P
   Real-time Clock Module
logo
List of Unclassifed Man...
PT7C4337PE ETC2-PT7C4337PE Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
PT7C4337UE ETC2-PT7C4337UE Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337UE PERICOM-PT7C4337UE Datasheet
584Kb / 23P
   Real-time Clock Module
More results

Similar Description - PT7C4337ACZSAE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com