Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4337ACSE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT7C4337ACSE
Description  Real-time Clock Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337ACSE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT7C4337ACSE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4337ACSE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4337ACSE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4337ACSE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4337ACSE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4337ACSE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4337ACSE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4337ACSE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337ACSE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-10-0002
PT0480-2
11/03/14
3
PT7C4337A/4337AC
Real-time Clock Module (I
2C Bus)
Maximum Ratings
Storage Temperature ............................................................ -65℃ to +150℃
Ambient Temperature with Power Applied ........................... -40℃ to +85℃
Supply Voltage to Ground Potential (VCC to GND) ............... -0.3V to +6.5V
DC Input (All Other Inputs except Vcc & GND)
...................................... -0.3Vto(Vcc+0.3V)
DC Output Voltage (SDA, /INTA, /INTB pins)........................................-0.3V to +6.5V
DC Output Current (FOUT) ............................................... -0.3V to (Vcc +0.3V)
Power Dissipation .............................................320mW(depend on package)
Operating Mode
The amount of current consumed by the PT7C4337A is determined, in part, by the I
2C interface and oscillator operation. The
following table shows the relationship between the operating mode and the corresponding ICC parameter.
Operating Mode
VCC
Power
I
2C Interface Active
1.8V ≤ V
CC ≤ 5.5V
ICC Active (ICCA)
I
2C Interface Inactive
1.8V ≤ V
CC ≤ 5.5V
ICC Standby (ICCS)
I
2C Interface Inactive
1.2V ≤ V
CC ≤ 1.8V
Timekeeping (ICCTOSC)
I
2C Interface Inactive, Oscillator Disabled
1.2V ≤ V
CC ≤ 1.8V
Data Retention (ICCTDDR)
Recommended Operating Conditions
Part No.
Sym.
Description
Min
Type
Max
Unit
PT7C4337A
PT7C4337AC
VCC
VCC supply voltage
1.8
3.3
5.5
V
VCCT
1.2
-
1.8
VOSC
Oscillator start up voltage
1.2
-
5.5
VIH
Input high level
SCL, SDA
0.7VCC
-
VCC+0.3
INTA, SQW/INTB
-
-
5.5
VIL
Input low level
-0.3
-
0.3VCC
TA
Operating temperature
-40
-
85
ºC
DC Electrical Characteristics
Unless otherwise specified, VCC = 1.8~5.5V, TA = -40 °C to +85 °C
Sym.
Item
Pin
Condition
Min
Typ
Max
Unit
VCC
Supply voltage
VCC
Full operation
1.8
-
5.5
V
VCCT
Timekeeping (Note 5)
1.2
-
1.8
VOSC
Oscillator voltage
VCC
1.2
-
5.5
V
VIL1
Low-level input voltage
SCL
-0.3
-
0.3VCC
V
VIH1
High-level input voltage
SCL
0.7VCC
-
VCC+0.3
VIL2
Low-level input voltage
X1
-
0.53
-
V
VIH2
High-level input voltage
X1
-
0.53
-
IOL
Low-level output current
SDA, /INTA, /INTB
VOL = 0.4V
3
-
-
mA
IIL
Input leakage current
SCL
-1
-
1
A
IOZ
Output current when OFF
SDA, /INTA, /INTB
-1
-
1
A
Note:
Stresses
greater
than
those
listed
under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute
maximum
rating
conditions
for
extended periods may affect reliability.


Similar Part No. - PT7C4337ACSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337LE PERICOM-PT7C4337LE Datasheet
584Kb / 23P
   Real-time Clock Module
logo
List of Unclassifed Man...
PT7C4337PE ETC2-PT7C4337PE Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
PT7C4337UE ETC2-PT7C4337UE Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337UE PERICOM-PT7C4337UE Datasheet
584Kb / 23P
   Real-time Clock Module
More results

Similar Description - PT7C4337ACSE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com