Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2035-6365-00 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 2035-6365-00
Description  3 dB Hybrid Couplers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2035-6365-00 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2035-6365-00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2035-6365-00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2035-6365-00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2035-6365-00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3 dB Hybrid Couplers
Rev. V4
203X Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Features
 Air Dielectric
 Non-crossover Design
 90o Quadrature Phase
 Frequency Range: 1.0 - 18 GHz
 Temperature Range: -50o to +110oC
 Meets MIL-E-5400 Environments and
MIL-E-16400 Environments
 MIL-C-15370/8 Equivalent
Description
These 3dB coaxial hybrids are ultra-compact.
A
signal applied into any terminal appears at both
outputs with one-half the amplitude and shifted 90
degrees out of phase. The units mount four SMA
jack, low VSWR connectors. These couplers may
be used in mixers, duplexers and other applications
requiring equal power division.
Outline Drawing
90o Non-Crossover Electrical Specifications
90o Non-Crossover Mechanical Specifications
Part Number
Case
Style
Freq.
Range (GHz)
Amplitude
Balance (dB)
Insertion
Loss Max (dB)
Isolation
Min. (dB)
VSWR
Max
Power
Avg. (W)
Power
Pk. (kW)
Model
No.
2035-6364-00
1
1.0 - 2.0
± 0.4
0.20
20
1.25
50
3
20153-3
2035-6365-00
2
2.0 - 4.0
± 0.5
0.20
18
1.25
50
3
20154-3
2035-6366-00
3
2.6 - 5.2
± 0.5
0.20
18
1.25
50
3
201545-3
2035-6367-00
4
4.0 - 8.0
± 0.5
0.30
18
1.25
50
3
20155-3
2035-6368-00
5
8.0 - 12.4
± 0.5
0.35
15
1.30
50
3
20156-3
2035-6369-00
5
12.4 - 18.0
± 0.5
0.35
15
1.35
50
5
20157-3
Case Style
A
Inch (mm)
B
Inch (mm)
C
Inch
(mm)
D
Inch
(mm)
E
Inch (mm)
F
Inch
(mm)
G
Inch
(mm)
Weight
oz
Weight
g
1
2.55 (64.8)
2.39 (60.8)
1.97 (50.1)
1.16 (29.5)
0.50 (12.7)
0.38 (9.7)
0.093 (2.4)
1.80
52
2
1.69 (42.7)
1.52 (38.7)
1.11 (28.2)
1.16 (29.5)
0.50 (12.7)
0.38 (9.7)
0.093 (2.4)
1.10
32
3
1.41 (35.6)
1.24 (31.5)
0.82 (20.8)
1.16 (29.5)
0.50 (12.7)
0.38 (9.7)
0.093 (2.4)
0.99
28
4
1.13 (28.7)
0.97 (24.7)
0.55 (14)
1.16 (29.5)
0.50 (12.7)
0.38 (9.7)
0.093 (2.4)
0.89
26
5
1.08 (27.4)
0.92 (23.4)
0.50 (12.7)
1.28 (32.5)
0.63 (15.9)
0.38 (9.7)
0.093 (2.4)
0.93
27


Similar Part No. - 2035-6365-00

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-60 BOURNS-2035-60 Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-60 BOURNS-2035-60 Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-60-SM BOURNS-2035-60-SM Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-60-SM BOURNS-2035-60-SM Datasheet
275Kb / 2P
   2035-xx-SM Precision Gas Discharge Tube Surge Protector
2035-60-SM-LF BOURNS-2035-60-SM-LF Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2035-6365-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
203X MACOM-203X Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
logo
Anaren Microwave
1F1304-3 ANAREN-1F1304-3 Datasheet
167Kb / 2P
   Hybrid Couplers 3 dB, 90째
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11302-3 ANAREN-11302-3 Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11304-3S ANAREN-11304-3S Datasheet
163Kb / 2P
   Hybrid Couplers 3 dB, 90째
1A0230-3 ANAREN-1A0230-3_14 Datasheet
302Kb / 3P
   Hybrid Couplers 3 dB, 90
1B0024-3 ANAREN-1B0024-3_14 Datasheet
175Kb / 4P
   Hybrid Couplers 3 dB, 90
1R0263-3 ANAREN-1R0263-3_14 Datasheet
289Kb / 3P
   Hybrid Couplers 3 dB, 90
10011-3 ANAREN-10011-3 Datasheet
162Kb / 4P
   Hybrid Couplers 3 dB, 90
10016-3 ANAREN-10016-3_14 Datasheet
159Kb / 4P
   Hybrid Couplers 3 dB, 90
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com