Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4337ZEE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PT7C4337ZEE
Description  Real-time Clock Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337ZEE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PT7C4337ZEE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4337ZEE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4337ZEE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4337ZEE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4337ZEE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337ZEE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4337ZEE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4337ZEE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4337ZEE Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
8
PT7C4337
Real-time Clock Module (I
2C Bus)
Function Description
Overview of Functions
Clock function
CPU can read or write data including the year (last two digits), month, date, day, hour, minute, and second. Any (two-digit) year
that is a multiple of 4 is treated as a leap year and calculated automatically as such until the year 2100.
Alarm function
This device has two alarm system (Alarm 1 and Alarm 2) that outputs interrupt signals from INTA or INTB to CPU when the date,
day of the week, hour, minute or second correspond to the setting. Each of them may output interrupt signal separately at a
specified time. The alarm is be selectable between on and off for matching alarm or repeating alarm.
Programmable square wave output
A square wave output enable bit controls square wave output at pin 7. Frequencies are selectable: 1, 4.096k, 8.192k, 32.768k Hz.
Interface with CPU
Data is read and written via the I
2C bus interface using two signal lines: SCL (clock) and SDA (data).
Since the output of the I/O pin SDA is open drain, a pull-up resistor should be used on the circuit board if the CPU output I/O is
also open drain.
The SCL's maximum clock frequency is 400 kHz, which supports the I
2C bus's high-speed mode.
Oscillator fail detect
When oscillator fail, PT7C4337 OSF bit will be set.
Oscillator enable/disable
Oscillator and time count chain can be enabled or disabled at the same time by /ETIME bit.
Registers
Allocation of registers
Addr.
(hex)
*1
Function
Register definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
Seconds (00-59)
0
S40
S20
S10
S8
S4
S2
S1
01
Minutes (00-59)
0
M40
M20
M10
M8
M4
M2
M1
02
Hours (00-23 / 01-12)
0
12, /24
H20 or
P, /A
H10
H8
H4
H2
H1
03
Days of the week (01-07)
0
0
0
0
0
W4
W2
W1
04
Dates (01-31)
0
0
D20
D10
D8
D4
D2
D1
05
Months (01-12)
Century
0
0
MO10
MO8
MO4
MO2
MO1
06
Years (00-99)
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
07
Alarm 1: Seconds
A1M1
*2
S40
S20
S10
S8
S4
S2
S1


Similar Part No. - PT7C4337ZEE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337A PERICOM-PT7C4337A Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337ACSE PERICOM-PT7C4337ACSE Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337ACZSAE PERICOM-PT7C4337ACZSAE Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337ALE PERICOM-PT7C4337ALE Datasheet
810Kb / 25P
   Real-time Clock Module
More results

Similar Description - PT7C4337ZEE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com