Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4337AUE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PT7C4337AUE
Description  Real-time Clock Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337AUE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PT7C4337AUE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4337AUE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337AUE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4337AUE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4337AUE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4337AUE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4337AUE Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C4337AUE Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C4337AUE Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-10-0002
PT0480-2
11/03/14
11
PT7C4337A/4337AC
Real-time Clock Module (I
2C Bus)
A2F
Alarm 2 Flag.
A1F
Data
Description
Read /
Write
0
The time do not match the alarm 2 registers.
Default
Read
1
Indicates that the time matched the alarm 1 registers. This flag can be used to generate an interrupt on
either INTA or SQW/INTB depending on the status of the INTCN bit. If the INTCN = 0 and A2F = 1
(and A2IE = 1), the INTA pin goes low. If the INTCN = 1 and A2F = 1 (and A2IE = 1), the
SQW/INTB pin goes low. A2F is cleared when written to logic 0. Attempting to write to logic 1 leaves
the value unchanged.
Time Counter
Time digit display (in BCD code):
Second digits: Range from 00 to 59 and carried to minute digits when incremented from 59 to 00.
Minute digits: Range from 00 to 59 and carried to hour digits when incremented from 59 to 00.
Hour digits: See description on the /12, 24 bit. Carried to day and day-of-the-week digits when incremented from 11 p.m. to
12 a.m. or 23 to 00.
Addr.
(hex)
Description
D7
D6
D5
D4
D3
D2
D1
D0
00
Seconds
0
S40
S20
S10
S8
S4
S2
S1
(default)
0
0
0
0
0
0
0
0
01
Minutes
0
M40
M20
M10
M8
M4
M2
M1
(default)
0
0
0
0
0
0
0
0
02
Hours
0
12, /24
H20 or P,/A
H10
H8
H4
H2
H1
(default)
0
0
0
0
0
0
0
0
Note: Any registered imaginary time should be replaced with correct time, otherwise it will cause the clock counter malfunction.
12, /24 bit
This bit is used to select between 12-hour clock system and 24-hour clock system.
12, /24
Data
Description
Read / Write
0
24-hour system
1
12-hour system


Similar Part No. - PT7C4337AUE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337LE PERICOM-PT7C4337LE Datasheet
584Kb / 23P
   Real-time Clock Module
logo
List of Unclassifed Man...
PT7C4337PE ETC2-PT7C4337PE Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
PT7C4337UE ETC2-PT7C4337UE Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337UE PERICOM-PT7C4337UE Datasheet
584Kb / 23P
   Real-time Clock Module
More results

Similar Description - PT7C4337AUE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com