Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCD6-12-1212 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # PCD6-12-1212
Description  Single output DC-DC converter 1.5W ~ 6W?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PCD6-12-1212 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  PCD6-12-1212 Datasheet HTML 1Page - DENSEI-LAMBDA PCD6-12-1212 Datasheet HTML 2Page - DENSEI-LAMBDA PCD6-12-1212 Datasheet HTML 3Page - DENSEI-LAMBDA PCD6-12-1212 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
116
Type
3.3V type
5V type
12V type
Output voltage
3.67V
6V
15V
PC-SERIES
Terminal connection
Outline drawing
• PC1R5 (1.5W type)
• PC6 (6W type)
• PC3 (3W type)
[PC1R5 (1.5W type) / PC3 (3W type)]
Output voltage can be adjustable by TRM terminal.
Output power must be within the rating, when increasing the output voltage.
*1 TRM terminal: Open
*2 TRM terminal & –Vout terminal: Short
Type
3.3V type
5V type
12V type
Output voltage
3.3V
5V
12V
Type
3.3V type
5V type
12V type
Output voltage
3.67V
6V
15V
CNT terminal
Output
CNT --Vin:Short or 0 ~ 0.4V
ON
CNT --Vin: Open or 2V ~ Vin
OFF
[PC6 (6W type)]
*1 TRM terminal: Open
*2 TRM terminal & –Vout terminal: Short
*3 CNT terminal: Remote ON/OFF control
Type
3.3V type
5V type
12V type
Output voltage
3.3V
5V
12V
* Output voltage: Refer to TRM terminal connection
(Unit: mm)
Dimension tolerance not designated is ±0.3.


Similar Part No. - PCD6-12-1212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD6001 PHILIPS-PCD6001 Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
PCD6001H PHILIPS-PCD6001H Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
PCD6001U PHILIPS-PCD6001U Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
PCD6003 PHILIPS-PCD6003 Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
PCD6003H PHILIPS-PCD6003H Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
More results

Similar Description - PCD6-12-1212

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PC6 LAMBDA-PC6 Datasheet
363Kb / 4P
   Single output DC-DC converter 1.5W ~ 6W
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
logo
DENSEI-LAMBDA
PV3 LAMBDA-PV3 Datasheet
128Kb / 2P
   Single in-line DC-DC converter Single output 1.5W/3W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com