Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2032-6349-00 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # 2032-6349-00
Description  3 dB Hybrid Couplers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2032-6349-00 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  2032-6349-00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2032-6349-00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2032-6349-00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2032-6349-00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 dB Hybrid Couplers
Rev. V4
203X Series
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Outline Drawing
Features
 Crossover Design
 0o or 180o Phase Difference
 High Isolation
 Low VSWR
 Multi-Octave Frequency Range
 Temperature Range: -65o to +125oC
 Meets MIL-E-5400 and MIL-E-16400
Environments
Description
These 3 dB 180o mini-hybrids are highly reliable
rugged stripline-constructed units that can be used
either to divide or combine R.F. power. A signal
incident at the sum (Σ) port will yield in-phase
amplitude balanced signals at the output ports.
Conversely, a signal applied to the difference (Δ)
port will yield amplitude balanced and 180o out of
phase signals at the output ports.
180o Crossover Mechanical Specifications
Case Style
A
Inch (mm)
B
Inch (mm)
C
Inch (mm)
D
Inch (mm)
E
Inch (mm)
Weight
oz
Weight
g
1
3.25 (82.6)
2.5 (63.5)
0.50 (12.7)
1.25 (31.8)
1.0 (25.4)
2.8
70
2
2.0 (50.8)
1.25 (31.8)
0.50 (12.7)
1.25 (31.8)
1.0 (25.4)
2.0
47
3
1.44 (36.5)
0.69 (17.5)
0.50 (12.7)
1.25 (31.8)
1.0 (25.4)
1.5
38
4
1.25 (31.8)
0.50 (12.7)
0.38 (9.7)
1.25 (31.8)
1.0 (25.4)
1.5
38
6
1.5 (38.1)
0.75 (19.1)
0.38 (9.7)
1.0 (25.4)
0.75 (19.1)
1.2
34
7
1.25 (31.8)
0.50 (12.7)
0.38 (9.7)
1.0 (25.4)
0.75 (19.1)
1.1
31
180o Crossover Electrical Specifications
Part Number
Case
Style
Freq.
Range (GHz)
Amplitude
Balance (dB)
Insertion
Loss Max (dB)
Isolation
Min. (dB)
VSWR
Max
Power
Avg. (W)
Power
Pk. (kW)
Phase
Balance
(Degrees)
2031-6330-00
1
0.5 - 1.0
± 0.5
0.40
25
1.30
30
3
± 4
2031-6331-00
2
1.0 - 2.0
± 0.5
0.50
25
1.35
30
3
± 4
2031-6332-00
3
2.0 - 4.0
± 0.5
0.70
22
1.35
30
3
± 5
2031-6333-00
4
2.6 - 5.2
± 0.5
0.70
20
1.35
30
3
± 5
2031-6334-00
4
4.0 - 8.0
± 0.5
0.70
20
1.35
30
3
± 6
2031-6335-00
7
8.0 - 12.4
± 0.5
0.80
17
1.45
30
3
± 6
2031-6336-00
7
12.4 - 18.0
± 0.6
1.20
12
1.70
30
3
± 6
2031-6338-00
6
4.0 - 12.4
± 0.6
1.00
17
1.50
30
3
± 8
2031-6339-00
7
7.0 - 18.0
± 0.6
1.2
14
1.70
20
2
± 8
2031-6338-00 and 2031-6339-00 are multi-octave


Similar Part No. - 2032-6349-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2032-6349-00 MACOM-2032-6349-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
More results

Similar Description - 2032-6349-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
203X MACOM-203X Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
logo
Anaren Microwave
1F1304-3 ANAREN-1F1304-3 Datasheet
167Kb / 2P
   Hybrid Couplers 3 dB, 90째
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11302-3 ANAREN-11302-3 Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11304-3S ANAREN-11304-3S Datasheet
163Kb / 2P
   Hybrid Couplers 3 dB, 90째
1A0230-3 ANAREN-1A0230-3_14 Datasheet
302Kb / 3P
   Hybrid Couplers 3 dB, 90
1B0024-3 ANAREN-1B0024-3_14 Datasheet
175Kb / 4P
   Hybrid Couplers 3 dB, 90
1R0263-3 ANAREN-1R0263-3_14 Datasheet
289Kb / 3P
   Hybrid Couplers 3 dB, 90
10011-3 ANAREN-10011-3 Datasheet
162Kb / 4P
   Hybrid Couplers 3 dB, 90
10016-3 ANAREN-10016-3_14 Datasheet
159Kb / 4P
   Hybrid Couplers 3 dB, 90
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com