Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA4608-000 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # CLA4608-000
Description  Established Skyworks limiter diode process
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4608-000 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  CLA4608-000 Datasheet HTML 1Page - Skyworks Solutions Inc. CLA4608-000 Datasheet HTML 2Page - Skyworks Solutions Inc. CLA4608-000 Datasheet HTML 3Page - Skyworks Solutions Inc. CLA4608-000 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4608-000 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4608-000 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4608-000 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4608-000 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4608-000 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DATA SHEET • CLA SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
June 4, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200100U
Technical Description
The CLA4603-000, CLA4606-000 through CLA4608-000, and
CLA4610-000 limiter diodes are constructed in a passivated
flat-chip configuration and are available in a basic chip form.
Limiter diodes with lower capacitance values to 0.08 pF and
constructed with a passivated mesa configuration are available in
the CLA4601-000, CLA4602-000, CLA4604-000, CLA4605-000
and CLA4611-000 series. The mesa devices offer low
capacitance and, therefore, broader bandwidth, lower loss, and
faster response at reduced power. These diodes are also available
in chip form and represent the ultimate in limiter performance not
approached by other manufacturers.
The highest power CLA4609 diodes use a mesa construction.
Additional bonding and handling methods are contained in these
Skyworks Application Notes:
 Waffle Pack Chip Carrier Handling/Opening Procedure
(document #200146)
 Diode Chips, Beam-Lead Diodes, Capacitors: Bonding Methods
and Packaging (document #200532).


Similar Part No. - CLA4608-000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4608-000 SKYWORKS-CLA4608-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
CLA4608-000 SKYWORKS-CLA4608-000 Datasheet
177Kb / 12P
   Silicon Limiter Diodes, Packaged and Bondable Chips
More results

Similar Description - CLA4608-000

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VLL1910 CPI-VLL1910 Datasheet
121Kb / 1P
   Diode Limiter
VLL1592 CPI-VLL1592 Datasheet
273Kb / 1P
   Diode Limiter
VLU1744 CPI-VLU1744 Datasheet
156Kb / 1P
   Diode Limiter
logo
RFHIC
CL1302D-L RFHIC-CL1302D-L Datasheet
353Kb / 5P
   Limiter-diode LNA
CL2102D-L RFHIC-CL2102D-L Datasheet
425Kb / 5P
   Limiter-diode LNA
logo
M/A-COM Technology Solu...
LM102202-H-C-301 MA-COM-LM102202-H-C-301 Datasheet
754Kb / 6P
   PIN Diode Limiter
MADL-011008 MA-COM-MADL-011008 Datasheet
109Kb / 4P
   PIN Diode Limiter
MADL-011008 MA-COM-MADL-011008_15 Datasheet
109Kb / 4P
   PIN Diode Limiter
logo
RFHIC
CL3102D-L RFHIC-CL3102D-L Datasheet
383Kb / 5P
   Limiter-diode LNA
logo
M/A-COM Technology Solu...
LM501202-M-C-300 MA-COM-LM501202-M-C-300 Datasheet
1Mb / 7P
   PIN Diode Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com