Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2442L Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2442L
Description  902 to 928 MHz High-Power RF Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2442L Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2442L Datasheet HTML 1Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 2Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 3Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 4Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 5Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 6Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 7Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 8Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DATA SHEET • SE2442L: 902 TO 928 MHz HIGH-POWER RF FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
November 18, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202415C
Y2592
18
15
17
16
14
13
1
4
2
3
5
6
GND
GND
TX_IN
GND
DNC
GND
CSD
PA_IN
GND
CTX
DNC
RX_OUT
Figure 2. SE2442L Pinout
(Top View)
Table 1. SE2442L Signal Descriptions
Pin
Name
Description
Pin
Name
Description
1
CSD
Shutdown control input
13
GND
Ground
2
PA_IN
PA input
14
DNC
Do not connect
3
GND
Ground
15
GND
Ground
4
CTX
Transmit enable control input
16
TX_IN
Tx signal to antenna switch (from OMN)
5
DNC
Do not connect
17
GND
Ground
6
RX_OUT
Receive signal to transceiver or SoC
18
GND
Ground
7
DNC
Do not connect
19
DNC
Do not connect
8
GND
Ground
20
PA_OUT
PA output (to OMN)
9
DNC
Do not connect
21
VCC2
Positive power supply, transmit section
10
DNC
Do not connect
22
DNC
Do not connect
11
DNC
Do not connect
23
VCC0
Positive power supply, receive section
12
ANT
Antenna port
24
VCC1
Positive power supply, transmit section
Paddle
GND
Exposed die paddle; electrical and thermal ground (connect to
PCB ground)


Similar Part No. - SE2442L

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2442L-R SKYWORKS-SE2442L-R Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SE2442L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
   902-928 MHz Dipole Antenna
logo
SIRENZA MICRODEVICES
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
logo
Pasternack Enterprises,...
PE51028 PASTERNACK-PE51028 Datasheet
288Kb / 2P
   902 TO 928 MHz OUTDOOR OMNIDIRECTIONAL ANTENNA
logo
Skyworks Solutions Inc.
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SKY66104 SKYWORKS-SKY66104_11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SE2435L SKYWORKS-SE2435L Datasheet
1Mb / 14P
   860 to 930 MHz High-Power RF Front-End Module
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
logo
SIRENZA MICRODEVICES
XD010-51S-D4F SIRENZA-XD010-51S-D4F Datasheet
208Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
logo
Pasternack Enterprises,...
PE51027 PASTERNACK-PE51027 Datasheet
215Kb / 2P
   MINI-MAGNETIC OMNIDIRECTIONAL ANTENNA, 902 TO 928 MHz
logo
Skyworks Solutions Inc.
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com