Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2442L Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2442L
Description  902 to 928 MHz High-Power RF Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2442L Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2442L Datasheet HTML 2Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 3Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 4Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 5Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 6Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 7Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 8Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 9Page - Skyworks Solutions Inc. SE2442L Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DATA SHEET • SE2442L: 902 TO 928 MHz HIGH-POWER RF FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
November 18, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202415C
Table 7. SE2442L Logic Controls
(TA = +25
C)
Mode
Description
CSD
CTX
0
All off (sleep mode) (Notes 1 and 3)
0
0
1
Rx or Tx bypass mode (Notes 1 and 2)
1
0
3
Tx mode (Notes 1 and 2)
1
1
Note 1: Logic ‘0’ level compliant to V
IL
as specified in Table 5.
Note 2: Logic ‘1’ level compliant to V
IH
as specified in Table 5.
Note 3: All controls must be at logic ‘0’ in order to achieve the specified sleep current.
Evaluation Board Description
The SE2442L Evaluation Board is used to test the performance of
the SE2442L front-end module (FEM). An Evaluation Board
schematic diagram is provided in Figure 3. A photograph of the
Evaluation Board is shown in Figure 4. A Bill of Materials (BOM)
for the Evaluation Board is provided in Table 8.
Evaluation Board Setup Procedure
Connect Supply
1. Connect J9, J10, and J11 to 50
Ω instruments. Terminate all
unused ports (if applicable) with 50
Ω.
2. Connect the supply ground to Pin 1 of the J4 header.
3. Connect the DC power supply (2.0 to 4.8 V) to pin 2 of the J4
header.
4. Refer to Table 7 for information about selecting the required RF
path.
Measure TX Performance
Apply an RF signal to connector J10 (PA_IN) to monitor the 900 to
930 MHz amplifier performance. Monitor the output power on
connector J9 (ANT).
Measure RX Performance
Apply an RF signal to connector J9 (ANT) to monitor the 900 to
930 MHz RX path performance. Monitor the output signal on
connector J11 (RX_OUT).
CAUTION: Care should be taken not to overdrive the amplifier by
applying too much RF on the input to the device. A
suitable starting input power for the device is
–20 dBm.


Similar Part No. - SE2442L

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2442L-R SKYWORKS-SE2442L-R Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SE2442L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
   902-928 MHz Dipole Antenna
logo
SIRENZA MICRODEVICES
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
logo
Pasternack Enterprises,...
PE51028 PASTERNACK-PE51028 Datasheet
288Kb / 2P
   902 TO 928 MHz OUTDOOR OMNIDIRECTIONAL ANTENNA
logo
Skyworks Solutions Inc.
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SKY66104 SKYWORKS-SKY66104_11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SE2435L SKYWORKS-SE2435L Datasheet
1Mb / 14P
   860 to 930 MHz High-Power RF Front-End Module
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
logo
SIRENZA MICRODEVICES
XD010-51S-D4F SIRENZA-XD010-51S-D4F Datasheet
208Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
logo
Pasternack Enterprises,...
PE51027 PASTERNACK-PE51027 Datasheet
215Kb / 2P
   MINI-MAGNETIC OMNIDIRECTIONAL ANTENNA, 902 TO 928 MHz
logo
Skyworks Solutions Inc.
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com